Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UT2301L-AE2-R

  • AI
    The **UT2301L-AE2-R** is a popular P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by Unisonic Technologies (UTC). It is widely used in power management and switching applications due to its low on-resistance and compact surface-mount design. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the UT2301L-AE2-R: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -20 V | | **Gate-Source Voltage** | $V_{GSS}$ | ±8 V | | **Continuous Drain Current** | $I_D$ | -2.3 A | | **Pulsed Drain Current** | $I_{DM}$ | -10 A | | **Power Dissipation** | $P_D$ | 0.5 W (SOT-23) | | **On-State Resistance** | $R_{DS(ON)}$ | 130 mΩ @ $V_{GS}$ = -4.5V | | **Operating Temperature** | $T_J$ | -55 to +150 °C | --- ### 2. Physical Characteristics and Packaging The "AE2" suffix in the part number indicates the package type, while the "R" indicates the packing method (Tape and Reel). * **Package Type:** SOT-23 (Small Outline Transistor). * **Pin Configuration:** 1. **Gate (G):** Controls the switching state of the MOSFET. 2. **Source (S):** Connected to the positive supply in a typical P-Channel high-side switch configuration. 3. **Drain (D):** Connected to the load. * **Halogen-Free:** The "L" indicates that the device is Lead-free and Green (Halogen-free). --- ### 3. Features and Benefits * **Low Threshold Voltage:** It can be driven by low-voltage logic (suitable for 2.5V or 3.3V systems). * **High-Speed Switching:** Optimized for fast transitions, reducing switching losses. * **Low $R_{DS(ON)}$:** Minimizes heat generation and power loss during conduction. * **Miniature Profile:** The SOT-23 footprint is ideal for space-constrained PCB designs like smartphones and tablets. --- ### 4. Common Applications The UT2301L-AE2-R is typically found in the following circuits: * **Load Switches:** Controlling power to specific sub-systems in portable devices. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for charging/discharging control. * **DC-DC Converters:** Used in the buck/boost stages for power regulation. * **Power Management:** In laptops, cell phones, and digital cameras. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the UT2301L-AE2-R?
    • ⤷ Can this MOSFET be used for high-side switching in a 12V system?
    • ⤷ What is the difference between an N-Channel and a P-Channel MOSFET in practical application?