Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UT2312L-AE3-R

  • AI
    The **UT2312L-AE3-R** is an N-Channel enhancement mode Field Effect Transistor (MOSFET) produced by Unisonic Technologies (UTC). It is designed for high-efficiency, low-voltage applications such as power management and load switching. --- ### ## Technical Specifications Below are the primary electrical characteristics of the UT2312L-AE3-R: | Parameter | Symbol | Maximum Rating | | :--- | :---: | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 20V | | **Gate-Source Voltage** | $V_{GSS}$ | ±8V | | **Continuous Drain Current** | $I_D$ | 5.0A | | **Pulsed Drain Current** | $I_{DM}$ | 20A | | **Power Dissipation** | $P_D$ | 1.25W | | **Drain-Source On-Resistance** | $R_{DS(ON)}$ | < 33mΩ @ $V_{GS}=4.5V$ | | **Package Type** | SOT-23 | Surface Mount | --- ### ## Key Features * **Low On-Resistance:** The low $R_{DS(ON)}$ ensures minimal power loss during conduction, making it ideal for battery-operated devices. * **Logic Level Drive:** It can be fully turned on with low gate voltages (2.5V to 4.5V), allowing it to interface directly with microcontrollers. * **High Speed Switching:** Designed for fast transition times, reducing switching losses in PWM applications. * **Halogen-Free:** The "-R" suffix typically indicates compliance with environmental standards and RoHS requirements. --- ### ## Pin Configuration The device uses the standard SOT-23 pinout: 1. **Gate (G):** Controls the flow of current between Drain and Source. 2. **Source (S):** The terminal through which the majority of carriers enter the channel. 3. **Drain (D):** The terminal through which carriers leave the channel. --- ### ## Typical Applications * **Battery Protection:** Used in BMS circuits for Li-ion battery packs. * **Load Switches:** Controlling power to specific sub-circuits in mobile devices. * **DC-DC Converters:** Efficient power conversion in buck or boost regulators. * **LED Drivers:** Small-signal switching for lighting control.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives to the UT2312L-AE3-R?
    • ⤷ Can this MOSFET be used with a 3.3V microcontroller output?
    • ⤷ What is the thermal resistance of the SOT-23 package for this device?