Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UT3406G-AE3-R

  • AI
    The **UT3406G-AE3-R** is a high-efficiency, monolithic synchronous step-down (buck) DC-DC converter. It is commonly used in portable devices to step down battery voltages to lower levels required by microprocessors and digital circuits. --- ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the UT3406G: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Current** | Up to 600mA | | **Switching Frequency** | 1.5 MHz (Fixed) | | **Feedback Voltage** | 0.6V | | **Efficiency** | Up to 96% | | **Quiescent Current** | 20µA (No load) | | **Package Type** | SOT-23-3 / SOT-25 / SOT-26 | --- ### 2. Key Internal Components The "Electronic Parts" within this IC consist of a complex integrated circuit design: * **Synchronous Rectifier:** Unlike standard buck converters that use an external Schottky diode, this part integrates a P-channel MOSFET (main switch) and an N-channel MOSFET (synchronous switch). This reduces power loss and increases efficiency. * **Error Amplifier:** Compares the feedback voltage from the output against an internal 0.6V reference to maintain a stable output. * **PWM Control Logic:** Operates at 1.5MHz, allowing the use of very small surface-mount inductors and capacitors. * **Protection Circuitry:** Includes thermal shutdown and current limit protection to prevent the device from failing under fault conditions. --- ### 3. Part Number Decoder Understanding the suffix codes for the UT3406G-AE3-R: 1. **UT3406G**: The base model number for the synchronous buck regulator. 2. **AE3**: Indicates the package style (typically **SOT-23-3**). 3. **R**: Indicates the packaging method (**Tape & Reel**). 4. **G**: Often signifies "Green" or Halogen-Free materials. --- ### 4. Typical Application Circuit To function, the UT3406G requires a few external passive components: | Component | Function | | :--- | :--- | | **Inductor (L1)** | Energy storage; typically 2.2µH to 4.7µH. | | **Input Capacitor (Cin)** | Filters input noise; usually 4.7µF to 10µF ceramic. | | **Output Capacitor (Cout)** | Smooths output voltage; usually 10µF to 22µF ceramic. | | **Resistor Divider (R1, R2)** | Sets the output voltage based on the 0.6V feedback pin. | ```text Formula for Output Voltage: Vout = 0.6 * (1 + R1 / R2) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum output voltage supported by the UT3406G-AE3-R?
    • ⤷ Can this IC be used with a 9V battery input?
    • ⤷ What are the advantages of the 1.5MHz switching frequency?