Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UT4101G-AE2-R

  • AI
    ## Technical Overview of UT4101G-AE2-R The **UT4101G-AE2-R** is a specific P-Channel enhancement mode Field Effect Transistor (MOSFET) manufactured by **UTC (Unisonic Technologies)**. It is designed for high-density cell designs to minimize on-state resistance and provide rugged, reliable performance. --- ### 1. General Specifications Below are the primary electrical characteristics and physical attributes of the component: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | P-Channel MOSFET | | **Package Type** | SOT-23-3 (identified by the "AE2" suffix) | | **Drain-Source Voltage ($V_{DSS}$)** | -20V | | **Gate-Source Voltage ($V_{GSS}$)** | ±8V | | **Continuous Drain Current ($I_D$)** | -3.3A | | **Power Dissipation ($P_D$)** | 1.25W (typical for SOT-23) | | **Lead-Free Status** | Halogen-Free / RoHS Compliant (identified by "G") | --- ### 2. Key Features * **Low $R_{DS(ON)}$:** Provides low resistance during conduction, which reduces power loss and heat generation. * **Low Threshold Voltage:** Operates efficiently even with low gate voltages, making it ideal for portable electronics. * **Fast Switching:** Optimized for high-speed switching applications. * **Small Footprint:** The SOT-23 package is suited for space-constrained surface mount (SMT) designs. --- ### 3. Pin Configuration For the SOT-23 package (AE2), the pinout is typically standardized as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **G** | Gate (Controls the transistor) | | 2 | **S** | Source (Input current) | | 3 | **D** | Drain (Output current) | --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **UT4101**: Model series number. * **G**: Halogen-free and Lead-free material. * **AE2**: SOT-23-3 Package type. * **R**: Tape and Reel packaging (standard for automated assembly). --- ### 5. Common Applications Due to its low voltage and P-channel nature, this part is frequently used in: * **Power Management:** Load switches in battery-powered devices. * **DC-DC Converters:** Small-scale buck or boost regulation. * **Logic Level Shifting:** Interfacing different voltage rails. * **Battery Protection:** Circuits requiring reverse polarity protection or disconnect functionality. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the UT4101G-AE2-R?
    • ⤷ What is the maximum $R_{DS(ON)}$ value at -2.5V gate voltage?
    • ⤷ Can this MOSFET be used for high-side switching in a 5V circuit?