Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UT4430L-S08-R

  • AI
    ### Overview of UT4430L-S08-R The **UT4430L-S08-R** is a high-performance **N-Channel enhancement mode Power MOSFET** manufactured by Unisonic Technologies (UTC). It is primarily designed for high-efficiency switching applications, such as power management in portable devices and DC-DC converters. --- ### Key Specifications Below are the primary technical parameters for the UT4430L-S08-R: | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V | | **Gate-Source Voltage** | $V_{GSS}$ | ±20V | | **Continuous Drain Current** | $I_D$ | 18A (at $T_C = 25^\circ C$) | | **Pulsed Drain Current** | $I_{DM}$ | 50A | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 5.5mΩ (typ) @ $V_{GS}=10V$ | | **Total Gate Charge** | $Q_g$ | 35nC (typ) | | **Operating Temperature** | $T_J$ | -55 to +150 °C | --- ### Package and Part Number Breakdown The suffix and package type provide specific details about the manufacturing and delivery: * **S08**: Indicates the package type is an **SOP-8** (Small Outline Package with 8 pins). * **R**: Typically denotes **Tape and Reel** packaging for automated surface-mount assembly. * **L**: Signifies **Lead-free** (RoHS compliant) construction. --- ### Features and Applications #### Core Features 1. **Low $R_{DS(ON)}$**: Minimizes conduction power loss, leading to higher efficiency. 2. **High Density Cell Design**: Allows for high current handling in a small footprint. 3. **Fast Switching**: Optimized for high-frequency PWM applications. #### Common Applications * **DC-DC Converters**: Used in motherboards and telecommunication equipment. * **Battery Management**: Protection circuits for Li-ion battery packs. * **Load Switching**: Power distribution switches in notebooks and handheld devices. * **Motor Control**: Small BLDC motor drivers. --- ### Internal Circuit Configuration The SOP-8 package for this MOSFET generally follows a standard pinout where multiple pins are tied together to handle higher current: * **Pins 1, 2, 3**: Source * **Pin 4**: Gate * **Pins 5, 6, 7, 8**: Drain ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative parts for the UT4430L?
    • ⤷ How does the gate-source threshold voltage affect its performance in 3.3V logic circuits?
    • ⤷ What are the thermal dissipation requirements for this MOSFET at maximum current?