Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UTC-210GP-ATO2E

  • AI
    The **UTC-210GP-ATO2E** is a specific model within Advantech's UTC-200 series. It is an industrial-grade "Ubiquitous Touch Computer" (All-in-One PC) designed for self-service kiosks, interactive signage, and industrial control. Below is a breakdown of its primary electronic components and technical specifications. --- ## 1. Core Processing & Memory This model is typically built on the **Intel® Pentium® N4200** (Apollo Lake) platform, designed for a balance between power efficiency and performance. | Component | Specification | | :--- | :--- | | **Processor** | Intel® Pentium® N4200 Quad Core (up to 2.5 GHz) | | **Memory (RAM)** | 1 x SO-DIMM DDR3L 1866 MHz (up to 8GB) | | **Graphics** | Integrated Intel® HD Graphics 505 | | **Storage** | Supports 1 x 2.5" Internal SATA HDD/SSD and 1 x mSATA | --- ## 2. Display & Touch Interface The display is the central electronic interface, engineered for 24/7 operation in public environments. | Feature | Details | | :--- | :--- | | **LCD Panel** | 10.1" TFT LCD with LED Backlight | | **Resolution** | 1280 x 800 (WXGA) | | **Brightness** | 350 - 450 cd/m² (Typical) | | **Touch Controller** | Projected Capacitive (P-CAP) Multi-touch | | **Surface** | Anti-glare/Anti-fingerprint coating (model specific) | --- ## 3. Input/Output (I/O) Connectivity The electronic motherboard (Mainboard) features a variety of industrial-standard ports: * **Networking:** 2 x Gigabit Ethernet ports (RJ45). * **USB Ports:** 2 x USB 3.0 ports for high-speed peripherals. * **Serial Ports:** 2 x COM ports (RS-232/422/485) for connecting to legacy industrial equipment or sensors. * **Audio:** Integrated 2W speakers and Line-out/Mic-in. * **Expansion:** 1 x M.2 slot (E key) for Wireless/Bluetooth modules. --- ## 4. Power & Environmental Specs The power delivery system is designed to handle industrial voltage fluctuations. * **Input Voltage:** 12V DC (via DC Jack). * **Power Consumption:** Typical load ~20W - 30W. * **Operating Temp:** 0 ~ 40°C (32 ~ 104°F). * **IP Rating:** The front panel is IP65-rated (protected against water and dust ingress). --- ## 5. Peripherals (Optional Modules) One of the key electronic features of the UTC-210 series is the **Side-groove design**, which allows for the integration of modular electronics: * **RFID/NFC Reader** * **1D/2D Barcode Scanner** * **Smart Card Reader** * **5M Camera Module** ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting options for the UTC-210GP-ATO2E?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ Can the RAM be upgraded beyond 8GB?