Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UTL331G-AF5-R

  • AI
    ## Technical Overview of UTL331G-AF5-R The **UTL331G-AF5-R** is a high-performance, low-power **operational amplifier (Op-Amp)** primarily manufactured by **Unisonic Technologies (UTC)**. It is frequently used in signal conditioning, buffering, and amplification circuits where space and power efficiency are critical. ### 1. Key Specifications The table below highlights the primary electrical characteristics of the UTL331G-AF5-R: | Parameter | Specification | Note | |:---|:---|:---| | **Type** | General Purpose Op-Amp | Single Channel | | **Supply Voltage (Vcc)** | 2.0V to 36V (or ±1V to ±18V) | Wide operating range | | **Current Consumption** | ~0.4mA | Low power draw | | **Input Offset Voltage** | 2.0mV (Typical) | High precision | | **Package Type** | SOT-25 / SOT-23-5 | Surface Mount (SMD) | | **Gain Bandwidth** | ~1 MHz | Suitable for low-freq signals | | **RoHS Status** | Compliant (Lead-Free) | Environmental safety | --- ### 2. Pin Configuration (SOT-25 Package) The device typically follows a standard 5-pin layout for single op-amps: 1. **Pin 1 (OUT):** Amplifier Output. 2. **Pin 2 (V- / GND):** Negative power supply or ground. 3. **Pin 3 (IN+):** Non-inverting input. 4. **Pin 4 (IN-):** Inverting input. 5. **Pin 5 (V+):** Positive power supply. --- ### 3. Core Features and Benefits * **Wide Supply Range:** Can operate on a single 5V rail for digital logic compatibility or up to 36V for industrial applications. * **Low Input Bias Current:** Minimizes errors when used with high-impedance sensors. * **Internal Frequency Compensation:** Simplifies circuit design by preventing oscillations without external capacitors. * **Short Circuit Protection:** The output is protected against accidental shorts to ground or Vcc. --- ### 4. Common Applications * **Transducer Amplifiers:** Boosting signals from pressure, temperature, or light sensors. * **Voltage Follower:** Acting as a buffer to prevent circuit loading. * **Active Filters:** Low-pass, high-pass, or band-pass filters in audio processing. * **Battery Powered Devices:** Due to its low current consumption and small footprint. --- ### 5. Ordering Code Breakdown The suffix **-AF5-R** provides specific logistical information: * **AF5:** Refers to the **SOT-25** package type. * **R:** Indicates **Tape and Reel** packaging for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives (cross-references) for the UTL331G?
    • ⤷ Can this Op-Amp be used in a dual-supply (+/-) configuration?
    • ⤷ What is the maximum output current this part can source?