Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • UU28121G-AF5-R

  • AI
    The **UU28121G-AF5-R** is a specific integrated circuit, typically belonging to the family of **Voltage Regulators** or **Supervisory Circuits**, often manufactured by UTC (Unisonic Technologies). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This part is generally a **Linear Voltage Regulator** (LDO) or a specialized **Power Management IC**. Based on the part numbering system (UU28121), it often refers to a fixed-output low-dropout regulator. | Parameter | Typical Value | | :--- | :--- | | **Output Voltage** | 1.2V (Fixed) | | **Package Type** | SOT-25 / SOT-23-5 | | **Input Voltage Range** | 2.5V to 6.0V | | **Output Current** | 150mA - 300mA | | **Dropout Voltage** | ~200mV @ Full Load | | **Quiescent Current** | < 100 µA | | **Operating Temp** | -40°C to +85°C | --- ## 2. Pin Configuration (SOT-25) Standard configurations for the AF5 (SOT-25) package usually follow this pinout: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (High = On, Low = Off) | | 4 | **NC / BP** | No Connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage | --- ## 3. Key Electronic Features * **Low Dropout (LDO):** It can maintain a stable 1.2V output even when the input voltage is very close to the output voltage. * **Enable Function:** Includes an ON/OFF control pin to reduce power consumption in standby mode. * **Protection Circuits:** * *Thermal Shutdown:* Automatically turns off if the internal temperature exceeds safe limits. * *Current Limiting:* Protects the IC during short-circuit or overload conditions. * **Low Noise:** Often supports a bypass capacitor (on pin 4) to filter out high-frequency noise for sensitive RF or Analog circuits. --- ## 4. Part Number Decoder The suffix **"G-AF5-R"** provides specific manufacturing data: * **G:** Halogen-free and RoHS compliant. * **AF5:** Package code for SOT-25. * **R:** Tape and Reel packaging for automated assembly. --- ## 5. Typical Application Circuit ```python # Simplified Representation of Wiring Input (Vin) ----> [Pin 1] [Pin 5] ----> Output (1.2V) Ground ----> [Pin 2] Enable (High)---> [Pin 3] Bypass Cap ----> [Pin 4] ---||--- GND ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the UU28121G-AF5-R?
    • ⤷ Can I substitute this with a standard SOT-23-5 LDO like the XC6206?
    • ⤷ What is the specific output current rating for the UU28121G?