Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • V-2C10-R

  • AI
    The **V-2C10-R** is a specific model of a **subminiature snap-action microswitch** (often part of the V-series) produced by manufacturers like Omron or similar electronic component brands. These switches are commonly used in industrial machinery, appliances, and hobbyist electronics for sensing or limit detection. --- ### 1. Technical Specifications The alphanumeric code describes the mechanical and electrical properties of the switch. | Parameter | Specification | | :--- | :--- | | **Switch Type** | Subminiature Snap-Action (Microswitch) | | **Actuator Style** | Pin Plunger (standard) | | **Contact Form** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 1A to 5A (model dependent, usually low power) | | **Voltage Rating** | 125VAC / 250VAC | | **Termination Style** | Solder Terminals / Quick Connect | | **Operating Force** | High precision, low actuation force | --- ### 2. Internal Components (Electronic Parts) A microswitch is an electromechanical device. Its internal "electronic" parts consist of: 1. **Contacts:** Usually made of silver or gold-plated alloys. * **COM (Common):** The input terminal. * **NO (Normally Open):** The circuit is open until the button is pressed. * **NC (Normally Closed):** The circuit is closed until the button is pressed. 2. **Snap-Action Spring:** A beryllium copper or stainless steel leaf spring that provides the "snap" movement. This ensures the contacts move quickly regardless of how slowly the external plunger is pushed, preventing electrical arcing. 3. **Housing:** A heat-resistant thermoplastic (like PBT or Phenolic) that provides insulation and structural integrity. 4. **Plunger/Actuator:** The physical interface that translates external mechanical force into internal contact movement. --- ### 3. Terminal Configuration The "R" suffix in many V-series switches refers to the terminal orientation or a specific terminal type (Right-angled or specific solder lugs). * **Pin 1 (COM):** Bottom of the switch. * **Pin 2 (NC):** Top-right terminal. * **Pin 3 (NO):** Bottom-right terminal. --- ### 4. Common Applications * **Safety Interlocks:** Detecting if a microwave door or 3D printer enclosure is closed. * **Limit Switches:** Used in CNC machines to define the "Home" position or prevent the carriage from moving too far. * **Input Devices:** Buttons in arcade machines or industrial control panels. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and SPST microswitches?
    • ⤷ How do I wire a V-2C10-R for a 'Normally Open' configuration?
    • ⤷ What is the maximum cycle life of this type of snap-action switch?