Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • V104-R

  • AI
    The **V104-R** typically refers to a specific model of a **Vacuum Fluorescent Display (VFD)** or a specialized controller board used in industrial and consumer electronics (often found in older audio equipment or legacy POS systems). Below is an explanation of its core electronic components and functional structure. --- ## 1. Core Component: The Vacuum Fluorescent Display (VFD) The "V104-R" is primarily a display module. Unlike LCDs, VFDs are self-emissive. | Component | Description | Function | | :--- | :--- | :--- | | **Filament (Cathode)** | Fine tungsten wires | Heats up to emit electrons (thermionic emission). | | **Grid** | A fine metal mesh | Controls the flow of electrons toward the segments. | | **Anodes (Segments)** | Phosphor-coated plates | Glows (usually blue-green) when struck by electrons. | | **Glass Envelope** | Vacuum-sealed housing | Protects the internal components from oxidation. | --- ## 2. Integrated Circuitry (Driver Logic) To make the V104-R functional, it requires a driver circuit to translate data into visual patterns. ### A. The VFD Driver IC Most V104-R modules use a serial-to-parallel driver (like the **PT6312** or **SN75518**). * **Shift Registers:** Convert serial data from a microcontroller into parallel signals for the grids/anodes. * **High Voltage Latches:** Since VFDs operate at higher voltages (12V to 60V) than standard logic (3.3V or 5V), these latches handle the switching. ### B. Power Supply Section * **Filament Supply:** Usually requires a low AC voltage (approx. 1.5V to 3V) to prevent "brightness slant" across the display. * **Anode/Grid Voltage ($V_{pp}$):** A DC-DC boost converter is often present on the PCB to step up the input voltage to the required ~20V-40V. --- ## 3. Pinout and Interface The V104-R module typically connects to a main logic board via a header with the following pin types: | Pin Type | Label | Purpose | | :--- | :--- | :--- | | **Power** | VCC / GND | Logic power (typically 5V). | | **Data** | DIN / DOUT | Serial data input and output (daisy-chaining). | | **Clock** | CLK | Synchronizes data transfer. | | **Strobe** | STB / CS | Latches the data into the display memory. | | **Filament** | F1 / F2 | Connections for the heating element. | --- ## 4. Typical Operating Parameters | Parameter | Typical Value | | :--- | :--- | | **Logic Voltage** | 4.5V — 5.5V | | **Anode Voltage** | 24V — 35V | | **Operating Temp** | -20°C to +70°C | | **Display Color** | Green/Blue-Green (approx. 505nm) | --- ### Technical Note on "R" Suffix In part numbering, the **-R** often signifies **RoHS Compliance** (Lead-free) or a specific **Reverse** pinout orientation depending on the manufacturer (such as Futaba or Noritake).
    ✨ Follow-up Questions
    • ⤷How do I interface a V104-R with an Arduino?
    • ⤷ What are the common causes of dimming in VFD modules?
    • ⤷ What is the difference between a VFD and an OLED display?