Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • V300LA20AP..

  • AI
    ## V300LA20AP: Electronic Component Overview The **V300LA20AP** is a **metal oxide varistor (MOV)**, a voltage-dependent surge protection component. It is most likely the Littelfuse LA-series 20 mm disc varistor. Exact ratings vary by manufacturer and revision, so confirm them against the official datasheet. ### Part Number Breakdown | Code | Meaning | |------|---------| | **V** | Varistor (voltage-dependent resistor) | | **300** | Maximum continuous AC voltage rating, about 300 Vrms | | **LA** | Product series (leaded, radial disc style) | | **20** | Disc diameter, about 20 mm | | **AP** | Packaging code, typically ammo-pack taping | --- ### Function A varistor behaves like an open circuit under normal voltage and becomes a low-resistance path when voltage exceeds its threshold. It is used to: - Absorb voltage spikes and transients - Protect circuits from lightning, switching surges, and inductive load spikes - Clamp overvoltage to a safe level --- ### Typical Characteristics | Parameter | Typical Value (verify in datasheet) | |-----------|-------------------------------------| | Max continuous AC voltage | 300 Vrms | | Max continuous DC voltage | About 385 V | | Varistor voltage (V1mA) | About 470 to 620 V | | Peak surge current (8/20 µs) | Several thousand amperes (about 6 kA class) | | Max energy rating | Tens of joules (about 100 J class) | | Operating temperature | About -40 °C to +85 °C | | Package | Radial leaded, 20 mm disc | --- ### Typical Applications - AC mains input protection in power supplies - Surge protection in appliances and power strips - Industrial control and motor drive input protection - LED drivers and SMPS line filters --- ### Key Design Notes 1. **Choose the voltage rating carefully.** The continuous voltage must be above the maximum line voltage, including tolerance. For 230 Vac mains, a 275 V or 300 V part is common. 2. **Check energy and surge ratings** against the expected surge environment. 3. **Watch for degradation.** Repeated surges gradually lower the varistor voltage, which can cause leakage current and heating. 4. **Use a fuse or thermal disconnect** in series if the varistor may fail short-circuit. 5. **Observe lead spacing** when mounting the 20 mm disc on a PCB. --- ### Failure Modes - **Short circuit:** The most common failure mode; a fuse should protect against overheating. - **Open circuit:** Loss of protection, usually after heavy overstress. - **Thermal runaway:** Caused by continuous overvoltage or repeated surges.
    ✨ Follow-up Questions
    • ⤷What is the difference between a MOV and a TVS diode?
    • ⤷ How do I select the right varistor voltage for a 230 V AC circuit?
    • ⤷ How can I test whether a V300LA20AP varistor has failed?