Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VBO13-12AO2

  • AI
    The **VBO13-12AO2** is a high-performance single-phase bridge rectifier manufactured by IXYS (now part of Littelfuse). It is designed to convert alternating current (AC) into direct current (DC) in industrial applications. --- ### 1. Technical Specifications The following table summarizes the primary electrical and thermal characteristics of the device: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Max. Repetitive Reverse Voltage** | $V_{RRM}$ | 1200 | V | | **Average Rectified Output Current** | $I_{dAV}$ | 15 | A | | **Forward Voltage Drop** (per diode) | $V_F$ | 1.1 | V | | **Surge Current** (50Hz, sine) | $I_{FSM}$ | 200 | A | | **Operating Temperature Range** | $T_{vj}$ | -40 to +150 | °C | | **Isolation Voltage** (RMS) | $V_{ISOL}$ | 2500 | V | --- ### 2. Key Features * **Planar Passivated Chips:** The internal diode dies are passivated with a layer of glass or similar material to ensure long-term stability and reliability under high voltage. * **Single-Phase Bridge:** It contains four diodes internally connected in a bridge configuration. * **PWS-A Package:** This is a compact, robust power module designed for easy mounting on a heatsink. * **Isolation:** The internal chips are electrically isolated from the metal base plate, allowing multiple modules to be mounted on the same heatsink without short circuits. --- ### 3. Pin Configuration and Internal Logic The device typically features four terminals, labeled according to standard bridge rectifier conventions: ```text ~ (AC Input 1) | (+) ---|--- (-) (DC Outputs) | ~ (AC Input 2) ``` --- ### 4. Typical Applications The VBO13-12AO2 is commonly found in the following systems: 1. **Variable Speed Drives:** Converting mains AC to a DC bus for motor inverters. 2. **Battery Chargers:** Acting as the primary rectification stage for industrial chargers. 3. **Power Supplies:** Used in DC power supplies for telecommunications or control systems. 4. **Heating Control:** Rectification for induction heating or DC resistive loads. --- ### 5. Design Considerations * **Thermal Management:** Since it handles up to 15A, heat dissipation is critical. It must be mounted to a heatsink using thermal paste. * **Voltage Margin:** With a 1200V rating, it is suitable for 230V to 480V AC lines, providing a high safety margin against voltage spikes (transients).
    ✨ Follow-up Questions
    • ⤷What is the difference between VBO13-12AO2 and VBO13-16AO2?
    • ⤷ How do I calculate the heatsink size for this module?
    • ⤷ Can this bridge rectifier be used in a three-phase system?