Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VCXO2E

  • AI
    The **VCXO2E** typically refers to a specific series or nomenclature for **Voltage-Controlled Crystal Oscillators (VCXO)**. These electronic components are used to generate a precise frequency that can be adjusted (pulled) by an external DC voltage. --- ### 1. Key Technical Specifications A VCXO2E module is defined by several critical electronic parameters: | Parameter | Description | Typical Values | | :--- | :--- | :--- | | **Nominal Frequency** | The center frequency of the oscillator. | 1 MHz to 200+ MHz | | **Control Voltage** | The input voltage used to adjust frequency. | 0.5V to 4.5V (Standard) | | **Pullability** | The range the frequency can be shifted. | ±50 ppm to ±150 ppm | | **Supply Voltage (Vcc)** | Operating power for the internal circuitry. | 3.3V or 5.0V | | **Output Type** | The waveform shape/logic level. | CMOS, LVPECL, or Sine Wave | --- ### 2. Internal Electronic Structure The VCXO2E consists of four primary internal stages: 1. **Quartz Crystal:** The high-Q resonator that determines the base stability. 2. **Varactor Diode:** A voltage-variable capacitor. Changing the control voltage changes the capacitance, which slightly shifts the crystal's resonant frequency. 3. **Oscillator Circuit:** Usually a Pierce or Colpitts configuration that sustains the oscillation. 4. **Buffer/Output Stage:** Protects the oscillator from load variations and ensures the signal meets logic level requirements (e.g., CMOS). --- ### 3. Pin Configuration (Common 4-6 Pin SMD) Most VCXO2E packages follow a standard pinout: * **Pin 1 (VC):** Voltage Control input. * **Pin 2 (OE/NC):** Output Enable (tri-state) or No Connect. * **Pin 3 (GND):** Ground. * **Pin 4 (Output):** The clock signal output. * **Pin 5 (NC):** Usually not connected. * **Pin 6 (Vcc):** Power supply. --- ### 4. Typical Applications The "2E" variant is often found in telecommunications and precision timing because of its ability to synchronize with other signals: * **Phase-Locked Loops (PLL):** Used as the slave oscillator to lock onto a reference clock. * **Jitter Attenuation:** Cleaning up "noisy" clock signals in digital systems. * **Video/Audio Sync:** Synchronizing frame rates in broadcasting equipment. * **Clock Recovery:** Extracting clock signals from high-speed data streams. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a VCXO and a TCXO?
    • ⤷ How does the 'pulling range' affect circuit stability?
    • ⤷ What are the common package sizes for VCXO2E components?