Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VCXO2EV-B12.8T3

  • AI
    The **VCXO2EV-B12.8T3** is a high-precision electronic component used primarily in telecommunications and timing synchronization. It belongs to the family of **Voltage Controlled Crystal Oscillators (VCXOs)**. Below is a detailed breakdown of its technical characteristics and internal parts. --- ## 1. Technical Specifications The part number indicates specific parameters regarding frequency, stability, and control. | Feature | Specification | Description | | :--- | :--- | :--- | | **Nominal Frequency** | 12.8 MHz | The base oscillation frequency. | | **Oscillator Type** | VCXO | Voltage Controlled Crystal Oscillator. | | **Voltage Control** | Analog Input | Allows fine-tuning of the frequency via external voltage. | | **Package Type** | Surface Mount (SMD) | Designed for automated PCB assembly. | | **Stability** | High | Typically used in stratum-level timing applications. | --- ## 2. Internal Electronic Construction A VCXO is not a single component but a circuit integrated into a small package. It consists of the following core elements: ### A. Quartz Crystal Blank * **Material:** High-quality synthetic quartz. * **Function:** Acts as the mechanical resonator. Its physical dimensions determine the 12.8 MHz frequency. ### B. Varactor Diode (Voltage-Variable Capacitor) * **Function:** This is the "Control" element. When an external voltage is applied to the control pin, the capacitance of this diode changes. * **Result:** This change in capacitance pulls the crystal's resonant frequency slightly up or down, allowing for synchronization with a master clock. ### C. Oscillation IC / Transistor Network * **Function:** Provides the gain necessary to sustain oscillation. It converts the mechanical vibrations of the quartz into an electrical square or sine wave output. ### D. Bypass Capacitors & Resistors * **Function:** Internal passive components that filter noise from the power supply and stabilize the output signal. --- ## 3. Typical Pin Configuration While you should always consult the specific datasheet for the manufacturer (often associated with brands like **Epson**, **NDK**, or **Rakon**), the standard pinout for this series is: 1. **V_control (Vc):** Input voltage to adjust frequency. 2. **GND:** Ground. 3. **Output:** The 12.8 MHz clock signal. 4. **Vcc:** Power supply (typically 3.3V or 5.0V). --- ## 4. Common Applications Due to its 12.8 MHz frequency, this part is commonly found in: * **Base Stations:** Synchronizing cellular networks (LTE/5G). * **GPS/GNSS Receivers:** Providing a stable reference for satellite signal locking. * **Phase-Locked Loops (PLLs):** Acting as the slave oscillator in frequency synthesis. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical pulling range (ppm) for the VCXO2EV-B12.8T3?
    • ⤷ How does temperature stability affect the 12.8 MHz output?
    • ⤷ Can this part be replaced by a TCXO if voltage control is not required?