Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VCXO2EV-R24T3

  • AI
    The **VCXO2EV-R24T3** is a specific type of Voltage-Controlled Crystal Oscillator (VCXO). These components are critical in telecommunications and high-speed data transfer for their ability to adjust output frequency based on an external control voltage. --- ## 1. Core Component Breakdown | Feature | Description | | :--- | :--- | | **Component Type** | Voltage-Controlled Crystal Oscillator (VCXO) | | **Package Style** | Surface Mount Device (SMD) | | **Main Function** | Generates a stable clock signal that can be "pulled" or tuned via voltage. | | **Key Advantage** | High stability of a quartz crystal with the flexibility of frequency adjustment. | ### Technical Characteristics * **Frequency Pulling:** The "VC" (Voltage Control) aspect allows the device to shift its output frequency by a small amount (measured in ppm - parts per million). * **Low Jitter:** Designed for timing-sensitive applications where noise in the clock signal must be minimized. * **Standard Frequency:** Typically operates at a fixed nominal frequency (often 12.288MHz, 24.576MHz, or 49.152MHz in telecom), though the "R24" in the part number often indicates a specific frequency reference or revision. --- ## 2. Key Pinout and Internal Structure A typical VCXO in this series involves four to six pins: 1. **Vcc (Power):** Provides the DC voltage to power the internal oscillation circuit. 2. **GND (Ground):** The reference point for power and signal. 3. **Output:** The square wave or sine wave clock signal sent to the CPU/FPGA. 4. **Vcont (Control Voltage):** The analog input pin. By changing the voltage here, the user adjusts the frequency of the Output pin. 5. **Enable/Disable (Optional):** Used to turn the clock signal on or off to save power. --- ## 3. Common Applications The **VCXO2EV-R24T3** is commonly found in circuits requiring **Phase-Locked Loops (PLLs)**. * **Network Synchronization:** Used in base stations and routers to sync data streams. * **Audio/Video Processing:** Matching sample rates between different digital media devices. * **Clock Recovery:** Reconstructing a clock signal from a high-speed serial data stream. * **Instrumentation:** Signal generators and high-precision measurement tools. --- ## 4. Comparison: XO vs. VCXO | Feature | Standard Oscillator (XO) | VCXO (e.g., VCXO2EV) | | :--- | :--- | :--- | | **Frequency Adjustment** | Fixed / Factory Set | Adjustable via External Voltage | | **Stability** | Very High | High (slight trade-off for tunability) | | **Complexity** | Simple | Requires Control Circuitry | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact nominal frequency of the R24T3 variant?
    • ⤷ How does the 'pulling range' affect circuit design in a PLL?
    • ⤷ What are the power supply voltage requirements for this specific VCXO?