Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VCXO2EV-S12.288T3

  • AI
    The **VCXO2EV-S12.288T3** is a high-precision electronic component categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. It is specifically designed to provide a stable reference clock signal that can be slightly adjusted (pulled) by an external control voltage. --- ### 1. Part Number Breakdown The part number follows a specific nomenclature used by manufacturers (often associated with **Vectron/Microchip** or similar timing solution providers): | Segment | Meaning | Specification | | :--- | :--- | :--- | | **VCXO** | Device Type | Voltage Controlled Crystal Oscillator | | **2EV** | Series/Package | Usually denotes a specific SMD package size (e.g., 5x7mm) and supply voltage. | | **S** | Output Type | Standard CMOS or Sine Wave (depending on vendor datasheet). | | **12.288** | Frequency | **12.288 MHz** (A common frequency for audio/telecom). | | **T3** | Packaging | Tape & Reel (3,000 pieces or specific reel size). | --- ### 2. Technical Specifications The typical operating parameters for this class of device include: * **Center Frequency:** 12.288 MHz. This frequency is a multiple of 48 kHz, making it ideal for **Professional Audio** and **Sampling Rate Conversion**. * **Voltage Control (V_c):** Allows the output frequency to be tuned typically within ±50ppm to ±100ppm (Parts Per Million) using an analog voltage (usually 0V to 3.3V). * **Supply Voltage ($V_{dd}$):** Typically 3.3V or 5.0V. * **Output Logic:** HCMOS/TTL compatible. * **Stability:** High thermal stability, often around ±25ppm over the industrial temperature range (-40°C to +85°C). --- ### 3. Internal Block Diagram A VCXO consists of three primary internal stages: 1. **Varactor Diode:** Acts as a variable capacitor that changes capacitance based on the control voltage. 2. **Quartz Crystal:** The resonating element that determines the base frequency. 3. **Oscillator Circuit & Buffer:** Maintains the oscillation and provides the output drive. --- ### 4. Common Applications Because this part allows for fine-tuning the frequency, it is used in circuits where synchronization is critical: * **Phase-Locked Loops (PLLs):** Used to "lock" onto an incoming signal frequency. * **Audio Equipment:** Synchronizing digital audio streams (AES/EBU, ADAT). * **Telecommunications:** Clock recovery in SONET/SDH or Ethernet equipment. * **Set-top Boxes:** Synchronizing video and audio clocks. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a VCXO in a circuit design?
    • ⤷ How does the 'pulling range' affect the performance of the VCXO2EV-S12.288T3?
    • ⤷ What are the specific pinout assignments for the 2EV package?