Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VCXO2EV-S24T3

  • AI
    The **VCXO2EV-S24T3** is a specific type of Voltage-Controlled Crystal Oscillator (VCXO). These components are critical in timing and synchronization circuits where a precise frequency output is required but needs to be "tunable" within a small range via an external voltage. --- ### 1. Fundamental Component Breakdown | Feature | Description | | :--- | :--- | | **Component Type** | VCXO (Voltage-Controlled Crystal Oscillator) | | **Function** | Converts DC power into a precise AC signal (clock) | | **Control Mechanism** | Frequency is adjusted by varying an input control voltage ($V_c$) | | **Output Type** | Typically CMOS or Sine Wave (depending on sub-variant) | ### 2. Technical Specifications (Typical for S24T3 Series) The alphanumeric suffix in oscillator part numbers usually defines the physical package and thermal characteristics. * **Frequency Stability:** Usually measured in Parts Per Million (PPM), often ranging from $\pm 25$ to $\pm 50$ PPM. * **Pullability (APR):** The range by which the frequency can be shifted (e.g., $\pm 100$ PPM). This allows the system to "lock" onto an external reference signal. * **Package Size:** The "S24" often refers to a standard Surface Mount Device (SMD) footprint, typically **7.0 x 5.0 mm** or **5.0 x 3.2 mm** (industry standard 6-pad or 4-pad). * **Supply Voltage ($V_{dd}$):** Typically operates at **3.3V** or **5.0V**. ### 3. Pin Configuration For a standard VCXO like the S24T3, the pinout usually follows this structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **$V_c$ (Control Voltage)** | The analog input used to adjust the frequency. | | 2 | **OE or NC** | Output Enable (Tri-state) or No Connection. | | 3 | **GND** | Circuit Ground. | | 4 | **Output** | The generated clock signal. | | 5 | **NC** | No Connection. | | 6 | **$V_{dd}$** | DC Power Supply. | --- ### 4. Typical Applications The VCXO2EV-S24T3 is commonly found in circuits requiring **Phase Locked Loops (PLLs)**: 1. **Telecommunications:** Synchronizing data streams in SONET/SDH or Ethernet equipment. 2. **Digital Video:** Adjusting clock rates to match incoming video frames (Genlock). 3. **Instrumentation:** Precision frequency synthesizers and signal generators. 4. **Wireless Base Stations:** Maintaining timing accuracy for cellular handovers. --- ### 5. Implementation Example To use this part, the control voltage ($V_c$) is usually driven by a Low-Pass Filter (LPF) coming from a Phase Detector. ```cpp // Logic flow for a PLL using a VCXO if (Frequency_Measured < Target_Frequency) { Increase_Voltage(Pin_1); // Slightly increases crystal vibration frequency } else { Decrease_Voltage(Pin_1); // Slightly decreases crystal vibration frequency } ```
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range of the S24T3 variant?
    • ⤷ How does the 'Pullability' specification affect signal locking?
    • ⤷ What are the common alternatives to VCXOs in low-jitter applications?