Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VDR10D330K

  • AI
    ## Understanding the VDR10D330K Varistor The **VDR10D330K** is a Metal Oxide Varistor (MOV). These components are voltage-dependent resistors used primarily to protect electronic circuits against high-voltage surges and transients (such as lightning or inductive switching). --- ### 1. Part Number Breakdown The nomenclature typically follows a standard industry format for MOVs: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **VDR** | Component Type | Voltage Dependent Resistor (Varistor) | | **10** | Disc Diameter | 10 mm (physical size of the ceramic disc) | | **D** | Shape | Disk-shaped | | **330** | Varistor Voltage | 33V (The first two digits are significant; the third is the multiplier $10^0$) | | **K** | Tolerance | ±10% | --- ### 2. Technical Specifications Below are the typical electrical characteristics for this specific part: | Parameter | Value | | :--- | :--- | | **Varistor Voltage (at 1mA DC)** | 33V (Range: 29.7V to 36.3V) | | **Maximum Allowable Voltage (AC)** | 20V RMS | | **Maximum Allowable Voltage (DC)** | 26V | | **Maximum Clamping Voltage** | ~65V (at specified peak pulse current) | | **Withstanding Surge Current (8/20μs)** | ~500A to 1000A (Size dependent) | | **Energy Absorption (10/1000μs)** | ~4.0 to 6.0 Joules | | **Capacitance (Reference)** | ~1500pF to 3000pF | --- ### 3. Key Electronic Functions 1. **Transient Voltage Suppression:** Under normal operating voltages, the VDR maintains a very high resistance (Mega-ohms), acting almost like an open circuit. 2. **Clamping Action:** When a voltage spike exceeds the threshold (33V), the VDR’s resistance drops instantly. It shunts the excess current to ground or back to the source, "clamping" the voltage to a safe level for the downstream components. 3. **Bi-directional Protection:** Unlike a Zener diode, a Varistor is non-polarized and provides protection in both positive and negative directions of an AC or DC signal. ### 4. Common Applications * **Low Voltage DC Supplies:** Protecting sensors, ICs, and microcontrollers in automotive or industrial 12V/24V systems. * **Communication Lines:** Safeguarding data lines from electrostatic discharge (ESD). * **Power Strips:** Used as a sacrificial element to absorb power surges. --- ### 5. Circuit Design Tip > **Note:** Varistors degrade slightly every time they absorb a surge. If used in a high-exposure environment, it is recommended to place a **thermal fuse** in series with the VDR to prevent fire hazards in the event the component fails in a short-circuit state.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Varistor and a TVS Diode?
    • ⤷ How do I calculate the correct energy rating for a VDR in my circuit?
    • ⤷ Can a VDR10D330K be used in a 110V AC power line application?