Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VDR10D751K

  • AI
    The **VDR10D751K** is a Metal Oxide Varistor (MOV), a passive electronic component used primarily for voltage surge protection in electronic circuits. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers like Varistor (often associated with brands like Joyin or Thinking Electronic). | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Disk Diameter** | 10 mm | | **Varistor Voltage** | 750V (Tolerance ±10%) | | **Maximum AC Voltage** | 460V RMS | | **Maximum DC Voltage** | 615V | | **Clamping Voltage** | ~1240V (at specific current) | | **Energy Absorption** | High (measured in Joules) | --- ### 2. Breakdown of the Part Number * **VDR**: Indicates a Voltage Dependent Resistor (Varistor). * **10D**: Represents the physical size of the ceramic disk (10mm diameter). Larger disks can typically handle higher energy surges. * **751**: This is the voltage code. The first two digits are the significant figures, and the third is the multiplier ($75 \times 10^1$). This means the nominal varistor voltage is **750V**. * **K**: Indicates the tolerance of the varistor voltage, which is **±10%**. --- ### 3. How it Works A VDR acts as a "pressure relief valve" for electricity. It has a non-linear resistance that changes based on the applied voltage: 1. **Normal State**: Under standard operating voltage, the VDR has high resistance (acting like an open circuit), drawing negligible current. 2. **Surge State**: When a high-voltage spike (like a lightning strike or inductive switching) exceeds the 750V threshold, the VDR's resistance drops instantly. 3. **Protection**: The VDR conducts the excess current to ground or shunts it away from sensitive components, "clamping" the voltage to a safe level. --- ### 4. Common Applications * **Power Supplies**: Protecting SMPS (Switch Mode Power Supplies) from line transients. * **Home Appliances**: Safeguarding refrigerators, washing machines, and TVs. * **Industrial Equipment**: Protecting PLC inputs and motor controllers. * **Lighting**: Surge protection in LED drivers. --- ### 5. Symbol and Circuit Placement In a schematic, a VDR is represented by a resistor symbol with a diagonal line (often with a "v" or a "u" bend). It is almost always placed **in parallel** with the AC input line, usually right after the fuse. ```text L (Line) ----[FUSE]----+----[Load] | [VDR] | N (Neutral) -----------+----[Load] ``` *Note: If the VDR absorbs too much energy, it may fail in a short-circuit mode. Therefore, a fuse is necessary to prevent fire hazards during failure.*
    ✨ Follow-up Questions
    • ⤷What is the difference between a 10D and a 14D varistor?
    • ⤷ What happens to a VDR after it absorbs a major power surge?
    • ⤷ How do I choose the correct voltage rating for a VDR?