Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VDR10DX

  • AI
    The term **VDR10DX** typically refers to a specific series of **Voltage Dependent Resistors**, commonly known as **Varistors**. These components are critical for protecting electronic circuits from high-voltage surges and transients. --- ## 1. Core Functionality A VDR (Varistor) acts as a variable resistor where the resistance changes automatically based on the applied voltage. * **At Normal Voltage:** The VDR has extremely high resistance, acting like an open circuit. * **At High Voltage (Surge):** Once the voltage exceeds a specific threshold (the clamping voltage), the resistance drops sharply, allowing the excess current to be shunted safely to ground or away from sensitive components. --- ## 2. Technical Specifications (VDR10D Series) The "10D" in the part number generally refers to the **10mm diameter** of the disc, which determines the power handling and energy absorption capacity. | Feature | Specification Range (Typical) | | :--- | :--- | | **Element Diameter** | 10 mm | | **Varistor Voltage** | Varies (check specific suffix, e.g., 471K = 470V) | | **Max Peak Current** | 2,500A to 3,500A (Single pulse) | | **Energy Absorption** | 30 to 70 Joules | | **Response Time** | < 25 nanoseconds | | **Capacitance** | 150pF to 800pF (Frequency dependent) | --- ## 3. Physical Construction The VDR10DX series is typically constructed using **Metal Oxide (MOV)** technology: * **Body:** A ceramic-like mass of Zinc Oxide (ZnO) grains. * **Electrodes:** Metalized surfaces on both sides of the disc. * **Leads:** Tinned copper wires (Radial leaded). * **Coating:** Flame-retardant epoxy resin (usually blue or yellow). --- ## 4. Key Applications Because of their fast response time, these parts are used in: 1. **Power Supplies:** Protecting the input stage of AC/DC converters. 2. **Consumer Electronics:** TV sets, washing machines, and computer peripherals. 3. **Telecommunications:** Protection against lightning-induced surges on lines. 4. **Industrial:** Motor controllers and relay protection. --- ## 5. Identifying the "X" Suffix In electronic part numbering, the **"X"** at the end often denotes a specific variant: * **Tolerance:** Could indicate a tight tolerance (e.g., ±10%). * **Lead Configuration:** Might refer to "Kinked" leads or a specific spacing (e.g., 7.5mm vs 5mm). * **Packaging:** High-volume tape-and-reel (T/R) or bulk packaging. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 10D and a 14D varistor?
    • ⤷ How do I calculate the correct voltage rating for a VDR in a 230V AC circuit?
    • ⤷ What are the common failure modes of a VDR?