Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VIPER06LSTR

  • AI
    ## Overview of the VIPER06LSTR The **VIPER06LSTR** is a high-performance, offline converter part of the VIPerPlus family from STMicroelectronics. It is specifically designed for SMPS (Switched-Mode Power Supplies) and integrates an 800V avalanche-rugged power MOSFET with PWM control circuitry. ### Key Specifications | Parameter | Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DSS}$)** | 800 V | | **Switching Frequency** | 60 kHz (Fixed) | | **Package** | SSOP10 (Tape and Reel) | | **RDS(on)** | 32 $\Omega$ (Typical) | | **Max Supply Voltage ($V_{CC}$)** | 23.5 V | | **Idlim (Current Limit)** | 320 mA | --- ### Internal Functional Blocks The device integrates several critical electronic components and circuits within a single package: 1. **800V Power MOSFET**: The high-voltage switch that handles the power conversion. The 800V rating provides a high safety margin against voltage spikes. 2. **High-Voltage Startup**: It includes an internal high-voltage current source that charges the $V_{CC}$ capacitor during startup, eliminating the need for an external bleeding resistor. 3. **PWM Controller**: A fixed-frequency (60 kHz) pulse-width modulator that manages the duty cycle based on feedback. 4. **Error Amplifier**: An internal transconductance amplifier used for regulation. 5. **Current Limiting**: Integrated circuitry to sense and limit the peak primary current. --- ### Pin Configuration (SSOP10) The following table describes the primary pin functions of the VIPER06LSTR: | Pin Name | Function | Description | | :--- | :--- | :--- | | **GND** | Ground | Common ground for both the control and power stages. | | **VCC** | Supply Voltage | Controller supply pin; requires an external bypass capacitor. | | **DRAIN** | MOSFET Drain | Connected to the primary winding of the transformer. | | **FB** | Feedback | Input for the feedback loop to regulate the output voltage. | | **CONT** | Control | Pin for frequency jittering or compensation. | | **LIM** | Current Limit | Allows adjustment of the default current limit. | --- ### Features and Benefits * **Frequency Jittering**: The device automatically fluctuates the switching frequency slightly to reduce EMI (Electromagnetic Interference) emissions. * **Burst Mode Operation**: During very light loads, the device enters a "burst mode" to minimize power consumption (Standby consumption < 30mW at 230VAC). * **Protections**: * **Hiccup-mode OCP**: Over-current protection. * **OTP**: Over-temperature protection (thermal shutdown). * **Open Loop Protection**: Prevents damage if the feedback loop fails. --- ### Typical Application Circuit Example ```python # Conceptual representation of a Flyback Converter using VIPER06 Input: AC_Mains (85V - 265V) Components: - Input: Bridge Rectifier + Bulk Capacitor - IC: VIPER06LSTR (U1) - Power: Transformer (T1) - Feedback: Optocoupler (PC817) + TL431 - Output: Schottky Diode + Filter Capacitor ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the VIPER06 and the VIPER16 series?
    • ⤷ How does the frequency jittering feature improve EMI performance in SMPS?
    • ⤷ Can you provide a typical schematic diagram for a 5V/1A power supply using this IC?