Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VLDK1535..

  • AI
    ## Overview of the VLDK1535 Series The **VLDK1535** refers to a specific series of high-intensity, surface-mount (SMD) LEDs manufactured by **Vishay Intertechnology**. These components are specifically designed for applications requiring high brightness and high reliability in a small footprint. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and optical characteristics of the VLDK1535 series (standard red variant). | Parameter | Value | Unit | | :--- | :--- | :--- | | **Technology** | AlGaInP on GaAs | - | | **Package Type** | 0603 (SMD) | Inch | | **Color** | Super Red | - | | **Dominant Wavelength** | 630 - 640 | nm | | **Luminous Intensity** | 45 - 112 (Typ. 80) | mcd | | **Forward Voltage ($V_F$)** | 1.8 - 2.4 | V | | **Forward Current ($I_F$)** | 20 | mA | | **Viewing Angle** | 160 | Degrees | | **Operating Temperature** | -40 to +100 | °C | --- ### 2. Core Features * **Small Footprint:** Utilizing the 0603 industry-standard package (1.6 mm x 0.8 mm x 0.6 mm), it is ideal for high-density circuit boards. * **High Luminous Efficiency:** Due to AllnGaP technology, it provides high brightness even at low current consumption. * **Wide Viewing Angle:** The 160° angle ensures excellent visibility from side positions, making it perfect for backlighting. * **Compatibility:** Fully compatible with automatic placement equipment and infrared (IR) reflow soldering processes. * **AEC-Q101 Qualified:** Many variants in this series are automotive-grade, ensuring durability under harsh thermal and mechanical conditions. --- ### 3. Pin Configuration and Internal Logic The VLDK1535 is a polarized two-terminal semiconductor device. ```text Top View +-----------+ | [ ] | <-- Lens/Light Emitting Area | (A) (K) | (A) = Anode (+) +-----------+ (K) = Cathode (-) | Marking or Green Notch usually indicates the Cathode. ``` --- ### 4. Typical Applications 1. **Automotive:** Dashboard illumination, switches, and internal ambient lighting. 2. **Telecommunications:** Indicator lights on routers, modems, and telephone systems. 3. **Industrial:** Status indicators for control units and PLCs. 4. **Consumer Electronics:** Backlighting for LCDs and keypad illumination. --- ### 5. Design Considerations When integrating the VLDK1535 into a circuit, remember to: * **Current Limiting:** Always use a series resistor to prevent thermal runaway. * **ESD Sensitivity:** These parts are sensitive to static electricity; ensure an ESD-safe environment during assembly. * **Moisture Sensitivity:** They are usually rated at **MSL 3**, meaning they must be handled according to J-STD-020 standards to prevent damage during soldering.
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the current-limiting resistor for a VLDK1535 in a 5V circuit?
    • ⤷ How does the AlGaInP technology compare to standard GaAs LEDs in terms of efficiency?
    • ⤷ Are there other color variants available in the 1535 package size?