Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VLP-600-R

  • AI
    ## VLP-600-R Overview The **VLP-600-R** is a high-performance **Vertical Laminar Flow Hood** or clean bench component, often associated with cleanroom environments and laboratory equipment. In electronic and technical terms, it refers to a system designed to provide an ISO Class 5 (or better) environment by filtering air through HEPA/ULPA filters. --- ### Key Electronic & Technical Components The internal electronics of the VLP-600-R are centered around airflow management, filtration efficiency, and user safety monitoring. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Blower Motor** | Air Propulsion | Typically a high-efficiency ECM (Electronically Commutated Motor) to maintain constant airflow. | | **Speed Controller** | Voltage/Frequency Regulation | Solid-state pressure-independent control to adjust motor RPM based on filter loading. | | **Differential Pressure Gauge** | Monitoring | An electronic or analog (Magnehelic) sensor measuring the pressure drop across the HEPA filter. | | **UV-C Lamp System** | Sterilization | A germicidal lamp (254nm) with a safety interlock to prevent exposure when the sash is open. | | **Control PCB** | Logic Center | Microprocessor-based board that manages the interface, timers, and alarm systems. | | **LED Lighting** | Illumination | High-output, low-heat LED arrays designed to minimize turbulence in laminar flow. | --- ### Technical Specifications (Electronic) The following table outlines the typical electrical requirements for the VLP-600-R series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 110V - 230V AC (Model dependent) | | **Frequency** | 50/60 Hz | | **Power Consumption** | ~150W - 300W (Operational) | | **Filter Type** | HEPA (99.99% @ 0.3μm) or ULPA | | **Air Velocity** | 0.45 m/s (approx. 90 FPM) | | **Safety Certification** | CE / UL Listed components | --- ### Operational Logic The electronic system follows a specific startup and maintenance sequence: 1. **Purge Cycle:** Upon activation, the blower runs at a higher RPM to clear stagnant air. 2. **Laminar Stability:** The controller adjusts the motor to ensure the air travels in parallel lines (vertical) to prevent cross-contamination. 3. **Alarm Interlocks:** * **Airflow Alarm:** Triggered if velocity drops below safety thresholds. * **Sash Sensor:** Disables UV light if the glass viewscreen is lifted. ---
    ✨ Follow-up Questions
    • ⤷ How does an ECM motor improve the energy efficiency of the VLP-600-R?
    • ⤷ What is the procedure for calibrating the differential pressure sensor?
    • ⤷ Are there specific maintenance intervals for the UV-C sterilization bulb?