VLS252008ET-R47N
AI

The **VLS252008ET-R47N** is a high-performance power inductor manufactured by **TDK**. It is part of the VLS-E series, specifically designed for DC-to-DC converter circuits in compact portable devices.
---
### 1. Technical Specifications
Below is a breakdown of the core electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±30% |
| **DC Resistance (DCR)** | 0.046 Ω (Max) / 0.038 Ω (Typ) |
| **Rated Current (Isat)** | 2.55 A (Based on Inductance Change) |
| **Rated Current (Itemp)** | 2.25 A (Based on Temperature Rise) |
| **Case Size (Metric)** | 2520 (2.5mm x 2.0mm) |
| **Height** | 0.80 mm (Ultra-low profile) |
| **Shielding** | Magnetic Shielded |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's physical and electrical properties:
* **VLS**: Series Name (Wound Ferrite)
* **2520**: Dimensions (Length 2.5mm x Width 2.0mm)
* **08**: Height (0.8mm)
* **E**: External Terminals (Lead-free)
* **T**: Packaging (Taping/Reel)
* **R47**: Inductance Value (R47 = 0.47 µH)
* **N**: Tolerance (±30%)
---
### 3. Key Features and Applications
#### Key Features
* **Magnetic Shielding:** Uses a magnetic resin to shield the coil, minimizing electromagnetic interference (EMI) with surrounding components.
* **Low Profile:** The 0.8mm height makes it ideal for thin electronic assemblies like smartphones or wearables.
* **High Current Density:** Despite its small size, it handles relatively high saturation currents.
#### Common Applications
1. **Smartphones & Tablets:** Used in power management IC (PMIC) circuits.
2. **HDD/SSD Drives:** For voltage regulation in storage devices.
3. **Wearable Tech:** Ideal for smartwatches where PCB space and height are restricted.
4. **DC-DC Converters:** General-purpose point-of-load (POL) conversion.
---
### 4. Selection Considerations
When designing with the VLS252008ET-R47N, consider the following:
* **Self-Heating:** Ensure the operating environment plus the temperature rise from the current does not exceed the component's maximum temperature rating (usually 105°C or 125°C depending on the specific datasheet revision).
* **Saturation:** The "Isat" rating is critical; if the current exceeds 2.55A, the inductance will drop significantly, potentially causing instability in the power supply.
- ⤷
What are the recommended alternatives for higher current requirements?
- ⤷ How does magnetic resin shielding compare to metal composite shielding?
- ⤷ What is the typical self-resonant frequency for this inductor?