VNQ600
AI

The **VNQ600** is a monolithic quad-channel high-side driver manufactured by STMicroelectronics. It is designed using VIPower M0-3 technology and is intended for driving resistive or inductive loads (such as lamps, motors, or solenoids) with one side connected to ground.
---
### ## 1. Key Specifications and Features
The VNQ600 is popular in automotive and industrial applications due to its robust protection features and high integration.
| Parameter | Value / Description |
| :--- | :--- |
| **Channels** | 4 (Quad Channel) |
| **Operating Voltage ($V_{cc}$)** | 5.5V to 36V |
| **Max Supply Voltage** | 41V |
| **Typical On-Resistance ($R_{on}$)** | 35 mΩ (per channel) |
| **Current Limitation** | 25A (Typical) |
| **Package** | SO-28 or PowerSO-36 |
---
### ## 2. Core Electronic Functions
The internal circuitry of the VNQ600 is divided into several logic and power stages:
1. **CMOS Compatible Inputs:** The device can be directly interfaced with a 3.3V or 5V Microcontroller (MCU).
2. **Current Sense (Status Pin):** It features an analog current sense pin that allows the MCU to monitor the load current or detect fault conditions.
3. **Charge Pump:** Since it is a high-side driver using N-channel MOSFETs, an internal charge pump is used to lift the gate voltage above the supply voltage ($V_{cc}$) to turn the MOSFETs fully on.
4. **VDS Clamp:** Protects the device against inductive spikes when turning off loads like motors or relays.
---
### ## 3. Built-in Protection Mechanisms
One of the primary reasons for using a VNQ600 instead of discrete transistors is its "self-protecting" nature:
* **Over-temperature Shutdown:** Each channel has a thermal sensor. If the junction temperature exceeds a safe limit, the channel turns off automatically.
* **Shorted Load Protection:** If a short circuit occurs, the device limits the output current to prevent damage to the traces and the chip.
* **Undervoltage Shutdown:** Prevents the device from operating in an unstable state if the battery voltage drops too low.
* **Reverse Battery Protection:** Requires a small external circuit (usually a resistor or diode) but the device is designed to survive reverse polarity events.
---
### ## 4. Application Circuit Example
To use a VNQ600, you typically need minimal external components:
```c
// Conceptual Pinout Logic
Input 1-4 -----> Connected to MCU PWM/GPIO pins
Output 1-4 -----> Connected to the Load (Bulbs, Motors)
VCC -----> Connected to Battery/Power Supply
GND -----> System Ground
CS -----> Analog Input of MCU (for current monitoring)
```
---
- ⤷
What is the difference between VNQ600 and VNQ600TR-E?
- ⤷ How do you calculate the power dissipation for a VNQ600?
- ⤷ Can the VNQ600 be used for PWM speed control of DC motors?