VNQ690SP
AI

## Technical Overview: VNQ690SP
The **VNQ690SP** is a monolithic quad-channel high-side driver manufactured by STMicroelectronics. It is designed using **VIPower M0-3 technology**, intended for driving resistive or inductive loads (such as lamps, motors, and relays) while connected to a common ground.
---
### 1. Key Internal Components
The device integrates several power and logic stages into a single PowerSO-10 package:
| Component | Description |
| :--- | :--- |
| **Power MOSFETs** | Four N-channel power transistors that switch the high-side load. |
| **Charge Pump** | Internal circuitry that boosts the gate voltage above the supply voltage ($V_{CC}$) to fully turn on the N-channel MOSFETs. |
| **Logic Interface** | CMOS compatible inputs (IN1-IN4) that allow direct connection to 3.3V or 5V microcontrollers. |
| **Status Pins** | Open-drain diagnostic outputs (STAT1-STAT4) that indicate fault conditions. |
---
### 2. Technical Specifications
Below are the primary electrical characteristics for the VNQ690SP:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Operating Voltage** | $V_{CC}$ | 5.5V to 36V |
| **Max Supply Voltage** | $V_{CC(max)}$ | 41V |
| **On-State Resistance** | $R_{DS(on)}$ | 90 m$\Omega$ (per channel) |
| **Output Current** | $I_{OUT}$ | 10A (nominal) |
| **Undervoltage Shutdown** | $V_{USD}$ | 2V to 5V |
---
### 3. Integrated Protection Features
The VNQ690SP is "self-protected," meaning it can survive harsh automotive or industrial environments without external fuses for every event:
* **Overload/Short-Circuit Protection:** Automatically limits the output current to prevent damage to the chip or the wiring.
* **Thermal Shutdown:** If the junction temperature exceeds $150^\circ C - 175^\circ C$, the specific channel turns off automatically and restarts once it cools down (thermal hysteresis).
* **Reverse Battery Protection:** Protects the device if the power supply polarity is accidentally reversed (usually requires an external resistor).
* **Overvoltage Clamp:** Protects against voltage spikes (e.g., Load Dump) by clamping the $V_{CC}$ pin.
---
### 4. Logic Table (Diagnostic State)
The status pins (STATx) provide feedback based on the state of the inputs and the load:
| Input | Output | Status | Condition |
| :--- | :--- | :--- | :--- |
| L | L | H | Normal Operation (OFF) |
| H | H | H | Normal Operation (ON) |
| H | L | L | Over-temperature / Short to Ground |
| L | H | L | Short to $V_{CC}$ / Open Load |
---
### 5. Application Circuit Example
To use the VNQ690SP, a standard configuration involves decoupling capacitors and pull-up resistors for the status pins.
```cpp
// Pseudocode for controlling a channel via Arduino/MCU
const int driverInput1 = 5;
void setup() {
pinMode(driverInput1, OUTPUT);
}
void loop() {
digitalWrite(driverInput1, HIGH); // Turn ON Channel 1
delay(1000);
digitalWrite(driverInput1, LOW); // Turn OFF Channel 1
delay(1000);
}
```
---
- ⤷What is the difference between high-side and low-side drivers in this context?
- ⤷ How does the Open Load detection work in the OFF state?
- ⤷ What are the recommended heat sinking strategies for the PowerSO-10 package?