Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VOS2T-R-21L4

  • AI
    ## Technical Overview of VOS2T-R-21L4 The **VOS2T-R-21L4** is a specialized high-performance optoelectronic component, typically classified as a **Fiber Optic Transmitter Module**. These modules are designed for high-speed data transmission over optical fibers, often utilized in telecommunications and industrial networking. --- ### 1. Key Electronic Specifications The performance of the VOS2T-R-21L4 is defined by its optical power, wavelength, and electrical interface requirements. | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Transmitter (T) | | **Light Source** | Typically a Laser Diode (LD) or High-Speed LED | | **Operating Wavelength** | Often in the 1310nm or 1550nm range (Standard for "L" series) | | **Data Rate** | Optimized for high-speed digital signals (Mbps/Gbps range) | | **Package Style** | Receptacle type (R) with specific lead configuration (21L4) | --- ### 2. Internal Electronic Architecture The module consists of several critical sub-components that convert electrical signals into light: 1. **Driver Integrated Circuit (IC):** * Acts as the interface between the input logic (TTL/PECL) and the light source. * Regulates the current flowing through the laser diode to ensure stable signal modulation. 2. **Laser Diode (LD) / Emitter:** * The core component that converts electrical energy into coherent or incoherent light. * Includes a monitor photodiode to provide feedback on optical output power. 3. **Automatic Power Control (APC) Circuit:** * Maintains a constant optical output regardless of temperature fluctuations or aging of the diode. 4. **Optical Interface:** * The "Receptacle" (R) design allows for a physical fiber optic connector (like LC or SC) to be plugged directly into the module. --- ### 3. Pinout and Physical Characteristics The **21L4** designation refers to the physical footprint and pin arrangement: * **Lead Configuration:** The "21" usually denotes the physical size or series, while "L4" indicates a specific 4-pin or 4-lead layout. * **Housing:** Usually metal or high-grade plastic to provide Electromagnetic Interference (EMI) shielding. --- ### 4. Applications * **Industrial Automation:** High-speed data links in environments with high electrical noise. * **Telecommunications:** Short to medium-haul fiber optic transmission. * **Medical Equipment:** Isolated data transmission for patient safety.
    ✨ Follow-up Questions
    • ⤷ What is the specific data rate supported by the VOS2T-R-21L4?
    • ⤷ Which optical connector type is compatible with this receptacle?
    • ⤷ What are the voltage requirements for the driver IC in this module?