Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VOS2T-R-31L4

  • AI
    The **VOS2T-R-31L4** belongs to a specific category of industrial sensors, typically identified as a **Vision Sensor** within the Pepperl+Fuchs VOS series. These devices integrate an image sensor, lighting, and processing electronics into a single housing to perform automated inspection tasks. --- ### 1. Key Internal Electronic Components The device is composed of several high-performance electronic layers that allow it to capture and process images in real-time: | Component | Function | | :--- | :--- | | **CMOS Image Sensor** | Converts light into digital signals. Usually features a global shutter to capture moving objects without distortion. | | **Digital Signal Processor (DSP)** | The "brain" of the unit. It runs the OCR, code reading, or pattern matching algorithms. | | **Integrated LED Lighting** | High-intensity LEDs (often white or infrared) synchronized with the shutter for consistent exposure. | | **I/O Interface** | Opto-isolated digital inputs and outputs for triggering and signaling results to a PLC. | | **Ethernet Controller** | Manages high-speed data transmission for configuration and image offloading (Profinet, EtherNet/IP). | --- ### 2. Technical Specifications Below are the typical electronic and operational parameters for this model series: * **Supply Voltage:** 24 V DC (±15%). * **Power Consumption:** Approximately 5W to 10W depending on illumination intensity. * **Resolution:** 1.2 Megapixels (1280 x 960 pixels) is standard for the 31L4 series. * **Communication Protocols:** * TCP/IP, EtherNet/IP, PROFINET. * RS-232 for legacy serial communication. * **Digital I/O:** 1 Trigger Input, 2-4 Programmable Outputs. --- ### 3. Electronic Architecture & Connectivity The VOS2T series uses standardized industrial connections to ensure electromagnetic compatibility (EMC) and environmental protection: #### Connector Pinout (Typical M12) 1. **Power/IO (M12 12-pin):** Handles the main power supply and hardware triggers. 2. **Ethernet (M12 8-pin X-Coded):** Handles high-speed data for the software interface and industrial Ethernet protocols. ```mermaid graph LR A[Image Sensor] --> B[Image Processing Engine] B --> C[Internal Memory] B --> D[I/O Logic] D --> E[M12 Connector] B --> F[Ethernet Controller] F --> G[M12 X-Coded Port] ``` --- ### 4. Software & Logic Features The electronics are designed to support various vision tools pre-loaded onto the firmware: * **Code Reading:** 1D/2D codes (DataMatrix, QR, etc.). * **OCR/OCV:** Optical Character Recognition and Verification. * **Positioning:** Detecting the X, Y, and Angle coordinates of a part. * **Logic Tools:** Built-in "AND/OR" gates to combine multiple inspection results into a single "Pass/Fail" output.
    ✨ Follow-up Questions
    • ⤷ What are the specific lens mounting options for the VOS2T series?
    • ⤷ How do I configure the digital outputs using the VOS Configurator software?
    • ⤷ What is the maximum frames-per-second (FPS) this sensor can process?