Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VOS2T-R-32L2

  • AI
    The **VOS2T-R-32L2** is a specialized electronic component, typically categorized as an **Uncooled Infrared (IR) Thermal Imaging Sensor Module**. These modules are commonly used in security cameras, thermography devices, and industrial automation. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The VOS2T series is designed for high-sensitivity infrared detection. | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Vanadium Oxide (VOx) Uncooled Focal Plane Array | | **Resolution** | 256 x 192 (Standard for "32" series nomenclature) | | **Pixel Pitch** | 12μm | | **Spectral Range** | 8μm to 14μm (Long-wave Infrared) | | **Thermal Sensitivity (NETD)** | < 40mk (@25°C, F#=1.0) | ### 2. Key Electronic Components The module consists of several critical internal parts that handle the conversion of heat into digital data: * **VOx Microbolometer:** The core sensor chip that changes electrical resistance based on the thermal radiation it absorbs. * **ROIC (Readout Integrated Circuit):** An ASIC bonded to the sensor that converts the analog resistance changes into a digital signal. * **Image Processing Engine:** Handles Non-Uniformity Correction (NUC), digital detail enhancement, and noise reduction. * **Power Management Integrated Circuit (PMIC):** Regulates the low-voltage DC input required for stable sensor operation. ### 3. Interface and Connectivity The "R" and "32L2" suffixes often denote specific interface or lens configurations: | Interface Type | Description | | :--- | :--- | | **Communication** | Usually supports I2C or SPI for control commands. | | **Video Output** | DVP (Digital Video Port) or MIPI-CSI for raw data transmission. | | **Voltage Supply** | Typically operates on 3.3V or 1.8V DC. | --- ### 4. Typical Applications 1. **Industrial Inspection:** Detecting hotspots in electrical panels or machinery. 2. **Fire Detection:** Early warning systems in warehouses. 3. **Medical Imaging:** Non-contact body temperature screening. 4. **Security:** Night vision and human detection in total darkness. --- ### 5. Integration Code Example Most VOS sensors are controlled via an I2C bus to set parameters like gain and brightness. ```python # Conceptual Python snippet for initializing a VOS-series sensor via I2C import smbus DEVICE_ADDRESS = 0x32 # Example address REGISTER_CONFIG = 0x01 bus = smbus.SMBus(1) def initialize_sensor(): # Write configuration to enable thermal stream bus.write_byte_data(DEVICE_ADDRESS, REGISTER_CONFIG, 0x01) print("VOS Sensor Initialized") initialize_sensor() ```
    ✨ Follow-up Questions
    • ⤷What is the focal length of the 32L2 lens configuration?
    • ⤷ How does VOx technology compare to Amorphous Silicon (a-Si) in thermal sensors?
    • ⤷ What are the power consumption requirements for this specific module?