Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VOS2T-R-32R1

  • AI
    The **VOS2T-R-32R1** is a high-precision, industrial-grade **Vision Sensor** (specifically a 2D Vision Sensor) manufactured by **Pepperl+Fuchs**. It is designed for automated inspection, positioning, and identification tasks in manufacturing environments. --- ### 1. Key Technical Specifications The following table outlines the primary electronic and optical characteristics of the device: | Feature | Specification | | :--- | :--- | | **Sensor Type** | CMOS Monochrome (Global Shutter) | | **Resolution** | 1.2 Megapixels (1280 x 1024 pixels) | | **Operating Voltage** | 24 V DC ± 20% | | **Power Consumption** | Max. 48 W (including internal lighting) | | **Interface** | Ethernet (TCP/IP, PROFINET, EtherNet/IP) | | **Digital I/O** | 2 inputs, 2 outputs (configurable) | | **Focal Length** | 12 mm (Integrated lens) | | **Internal Lighting** | Integrated high-power Red LED | --- ### 2. Core Electronic Components The device integrates several subsystems into a single rugged housing: #### A. The Imaging Engine * **Global Shutter CMOS:** Unlike rolling shutters, a global shutter captures the entire frame simultaneously. This is critical for high-speed production lines to prevent "motion blur" or "jello effect" on moving parts. * **Integrated Lens:** The "R1" variant typically features a fixed-focus lens optimized for specific working distances, reducing the need for external optical adjustments. #### B. Processing & Communication * **Onboard DSP/FPGA:** The unit performs image processing (OCR, code reading, pattern matching) directly on the device, sending only the results (Pass/Fail or data strings) to the PLC. * **Industrial Protocols:** It supports **Profinet** and **EtherNet/IP**, allowing it to be integrated directly into industrial automation ecosystems (like Siemens or Rockwell systems). #### C. Integrated Lighting * The "32R1" configuration includes built-in red LEDs. This reduces the need for external strobe controllers and ensures the sensor has sufficient contrast for the specific material being inspected. --- ### 3. Connection Pinout (M12 Connectors) The device typically utilizes standard M12 industrial connectors for power and data: 1. **Power/IO (M12, 8-pin):** Handles 24V DC supply and discrete digital signals. 2. **Ethernet (M12, 4-pin D-coded):** Handles high-speed data transmission and configuration via PC software. --- ### 4. Typical Applications * **Code Reading:** Scanning 1D/2D codes (Data Matrix, QR) on PCBs or packaging. * **Presence Detection:** Verifying if a component (like a screw or label) is present. * **Measurement:** Checking the width or diameter of mechanical parts. * **Positioning:** Providing coordinates to a robot for picking tasks.
    ✨ Follow-up Questions
    • ⤷ How do I configure the VOS2T sensor using the Vision Configurator software?
    • ⤷ What are the differences between the Red (R1) and White (W1) lighting versions of this sensor?
    • ⤷ Can this sensor store multiple inspection jobs internally for different product lines?