Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VS-161MT...C

  • AI
    ## VS-161MT...C Series (Three Phase Bridge Rectifiers) The **VS-161MT...C** series consists of high-performance, three-phase bridge rectifiers housed in a robust, low-profile package (MT-type). These components are designed to convert Three-Phase Alternating Current (AC) into Direct Current (DC) for high-power industrial applications. --- ### 1. Key Technical Specifications The "161" in the part number generally refers to the average output current capability. | Feature | Description | | :--- | :--- | | **Circuit Configuration** | Three-Phase Bridge (6 Diodes) | | **Output Current ($I_{O}$)** | ~160 Amperes | | **Voltage Range ($V_{RRM}$)** | 800V to 1600V (depending on the specific model suffix) | | **Package Type** | MT (Power Module) | | **Junction Temperature** | Up to 150°C | | **Isolation Voltage** | 3500 $V_{RMS}$ (High dielectric strength) | --- ### 2. Internal Components & Construction The module integrates several electronic elements into a single thermal-efficient block: * **Silicon Rectifier Dies:** Six high-power silicon diodes arranged in a bridge configuration. * **Direct Bonded Copper (DBC) Substrate:** Provides excellent thermal conductivity while maintaining high electrical isolation from the heat sink. * **Screw Terminals:** Heavy-duty terminals designed for high-current bolt-on connections. * **Encapsulation:** Thermally conductive epoxy potting protects the internal chips from moisture and mechanical stress. --- ### 3. Part Number Decoding (Example: VS-161MT120C) Understanding the nomenclature helps in selecting the right variant: 1. **VS-**: Manufacturer prefix (Vishay). 2. **161**: Average output current rating (approx. 160A). 3. **MT**: Package style (Medium-profile Three-phase). 4. **120**: Voltage rating code (e.g., $120 \times 10 = 1200V$). 5. **C**: Standard manufacturing designation. --- ### 4. Common Applications Due to their high reliability and current capacity, these parts are found in: * **Industrial Power Supplies:** High-wattage AC-DC converters. * **Battery Chargers:** Large-scale industrial battery charging stations. * **Motor Drives:** Input rectification for Variable Frequency Drives (VFDs). * **Welding Equipment:** Converting mains power for high-current arc welding. --- ### 5. Installation Considerations * **Heat Sinking:** These modules generate significant heat at 160A and must be mounted to a heat sink using thermal paste. * **Torque:** Proper torque must be applied to the electrical terminals to prevent arcing and overheating. * **Surge Protection:** It is recommended to use MOVs (Metal Oxide Varistors) to protect the bridge from line voltage spikes.
    ✨ Follow-up Questions
    • ⤷What is the difference between the VS-161MT and the VS-130MT series?
    • ⤷ How do I calculate the heat sink requirements for a 160A bridge?
    • ⤷ Can this module be used for single-phase rectification?