Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VS-301MT...C

  • AI
    The **VS-301MT...C** series (specifically manufactured by Vishay) refers to a high-power **Three-Phase Bridge Rectifier Module** designed in an MTC (Low Profile) package. These components are essential for converting Alternating Current (AC) into Direct Current (DC) in industrial applications. --- ### 1. Technical Specifications The "301" in the part number typically denotes a current rating in the 300 Ampere range. Below is a summary of the typical characteristics for this series: | Parameter | Specification (Typical) | |:---|:---| | **Circuit Configuration** | 3-Phase Bridge | | **Forward Current ($I_{O}$)** | 300 A at Case Temperature ($T_C$) $\approx$ 80°C | | **Voltage Range ($V_{RRM}$)** | 800V to 1600V (depending on the specific model suffix) | | **Package Type** | MTC (Low Profile) | | **Isolation Voltage** | 3600 V (RMS) | | **Junction Temperature** | -40°C to +150°C | --- ### 2. Key Internal Components The module is not a single transistor or diode, but an integrated assembly of power semiconductors: * **Power Diodes:** Contains six high-current power rectifier diodes arranged in a bridge configuration. * **Direct Bonded Copper (DBC) Substrate:** Provides excellent thermal conductivity to the baseplate while maintaining electrical isolation. * **Encapsulation:** High-grade epoxy resin that provides mechanical protection and moisture resistance. --- ### 3. Pin Configuration & Connection The module typically features five main terminals: 1. **AC Input Terminals (L1, L2, L3):** Three terminals where the 3-phase AC source is connected. 2. **DC Output Terminals (+ / -):** Two terminals providing the rectified DC power. --- ### 4. Common Applications Due to its high power density and rugged design, the VS-301MT...C is used in: * **Industrial Drives:** Input rectification for Variable Frequency Drives (VFDs). * **Battery Chargers:** High-capacity industrial charging stations. * **Welding Equipment:** Power supplies for arc and spot welding. * **Renewable Energy:** Rectification stages for wind turbine power converters. --- ### 5. Thermal Management Since this part handles up to 300A, heat dissipation is critical. Users must: * Use a high-quality **Thermal Interface Material (TIM)** between the module base and the heatsink. * Ensure the mounting surface is flat and clean to prevent localized hotspots. * Verify that the tightening torque for the terminals matches the datasheet (usually around 5 Nm).
    ✨ Follow-up Questions
    • ⤷What is the difference between the 120C and 160C suffixes in this series?
    • ⤷ How do I calculate the heat sink requirements for a 300A load?
    • ⤷ Can this module be used for single-phase rectification?