Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VSML2512S2-R002

  • AI
    The **VSML2512S2-R002** is a specialized electronic component primarily used for current sensing and power management. It belongs to the category of **Metal Foil Low Ohmic Resistors**. ### 1. General Overview This component is a surface-mount (SMD) resistor designed with a "long-side terminal" construction. This geometry allows for higher power dissipation and better heat distribution compared to standard rectangular chips. --- ### 2. Technical Specifications The part number can be broken down into specific electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Case Size** | 2512 (Metric 6432) | Large footprint for high power handling. | | **Resistance Value** | 2 mΩ (0.002 Ω) | Extremely low resistance for current sensing. | | **Power Rating** | 2W - 3W | Depends on PCB thermal management. | | **Tolerance** | ±1.0% | High precision for sensing circuits. | | **TCR** | ±50 ppm/°C | Temperature Coefficient of Resistance; ensures stability. | | **Material** | Metal Foil / Alloy | Provides low noise and high reliability. | --- ### 3. Key Features * **AEC-Q200 Compliant:** Often rated for automotive use, meaning it can withstand harsh vibrations and temperature cycles. * **Long-Side Terminals:** By placing terminals on the longer sides, the distance between electrodes is shorter, reducing internal inductance and improving cooling. * **High Pulse Withstand:** The metal alloy construction allows it to handle brief surges of current without failing. --- ### 4. Typical Applications The VSML2512S2-R002 is most commonly found in: 1. **Battery Management Systems (BMS):** Measuring charge and discharge currents in lithium-ion packs. 2. **Motor Controllers:** Monitoring current flow to adjust torque and speed. 3. **DC-DC Converters:** Providing feedback loops for voltage regulation. 4. **Power Inverters:** Used in solar or industrial power conversion. --- ### 5. Footprint Information When designing a PCB for this part, ensure the landing pads are optimized for heat dissipation. ```text Standard 2512 Long Side Terminal Dimensions: Length (L): ~6.40 mm Width (W): ~3.20 mm Height (H): ~0.70 mm ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of long-side terminals versus short-side terminals in shunt resistors?
    • ⤷ How do I calculate the voltage drop across a 2mΩ resistor at 10 Amps?
    • ⤷ What are the recommended soldering profiles for AEC-Q200 metal foil resistors?