Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VT2AB

  • AI
    The term **VT2AB** is not a standard industry-wide generic part number (like a 2N2222 transistor), but rather a specific **component marking code** or a **part designation** found in specific electronic systems. Based on electronic component databases and typical PCB (Printed Circuit Board) nomenclature, VT2AB usually refers to one of the following two categories: --- ### 1. SOT-23 Marking Code (Discrete Component) In most cases, "VT2" or "VT2AB" found on a small surface-mount device (SMD) represents a specific transistor or diode. Manufacturers use short codes because the full part number won't fit on the package. | Component Type | Likely Part Number | Description | | :--- | :--- | :--- | | **Zener Diode** | BZX84-C12 | A 12V Zener Diode in a SOT-23 package. | | **MOSFET** | Si2302ADS | An N-Channel enhancement mode Field Effect Transistor. | | **Transistor** | BC847B | A general-purpose NPN bipolar junction transistor. | ### 2. PCB Reference Designator (Circuit Identification) If "VT2AB" is printed on the green or blue fiberglass of a circuit board (the silkscreen), it follows a specific naming convention: * **VT**: In many European and Asian schematics (notably Russian/GOST standards), **VT** is the standard designator for a **Transistor**. * *Example: R = Resistor, C = Capacitor, VT = Transistor.* * **2**: Indicates this is the second transistor in that specific circuit block. * **AB**: Usually refers to a sub-assembly or a specific revision of the board layout. --- ### Technical Specifications (Common for VT2-coded MOSFETs) If your part is a common **N-Channel MOSFET** (often used in power management), the specs typically look like this: | Parameter | Typical Value | | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | 20V - 30V | | **Gate-Source Voltage ($V_{GS}$)** | ±8V to ±12V | | **Continuous Drain Current ($I_D$)** | 2.0A - 2.8A | | **Package Type** | SOT-23 (3-pin) | ### Visual Identification To confirm the part, look for the following: 1. **Package Style:** Is it a small 3-lead plastic rectangle (SOT-23)? 2. **Logo:** Is there a small logo (like a triangle for Vishay or a 'p' for NXP)? 3. **Context:** Is it located near a power input (acting as a switch) or near a signal line (acting as a buffer)? ---
    ✨ Follow-up Questions
    • ⤷ How can I test if a VT2AB transistor is still functioning using a multimeter?
    • ⤷ Which manufacturer uses the VT2 marking code for their Zener diodes?
    • ⤷ What is the equivalent replacement part for a VT2 coded SOT-23 MOSFET?