Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • VT7-503C

  • AI
    The **VT7-503C** is a high-precision, temperature-compensated crystal oscillator (TCXO) developed by **Vectron International** (now part of Microchip Technology). It is primarily designed for high-stability timing and frequency control in telecommunications and navigation hardware. --- ### ## Technical Specifications Below is a breakdown of the core electronic characteristics of the VT7-503C: | Parameter | Specification | Notes | | :--- | :--- | :--- | | **Nominal Frequency** | Varies (Standard 10MHz to 40MHz) | Depends on specific sub-model | | **Output Waveform** | Clipped Sine Wave | Reduces EMI and power consumption | | **Supply Voltage (Vcc)** | +3.0V or +3.3V DC | Standard low-voltage operation | | **Stability (Temp)** | ±0.5 ppm to ±2.5 ppm | Based on industrial temp ranges | | **Package Type** | 4-pad SMD (5.0 x 3.2 mm) | Surface mount technology | | **Current Consumption** | 1.5 mA to 2.0 mA | Highly efficient for portable devices | --- ### ### Key Electronic Components & Internal Architecture The "parts" of the VT7-503C refer to the internal circuitry and the physical interface of the SMD (Surface Mount Device) package: 1. **Quartz Crystal Resonator:** The heart of the component, providing the fundamental frequency vibration. 2. **Compensation Network:** An internal thermistor-based circuit that senses ambient temperature changes and adjusts the capacitance to keep the frequency stable. 3. **Voltage Regulator:** Ensures the internal oscillation remains steady even if there are slight fluctuations in the input power line. 4. **Clipped Sine Wave Buffer:** An output stage that provides a signal compatible with RF baseband processors while minimizing harmonic distortion. --- ### ### Pin Configuration The device uses a standard 4-pad layout common to most high-end TCXOs: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | Vc (Voltage Control) | Optional frequency tuning (for VCTCXO variants) | | **2** | GND | Circuit Ground | | **3** | Output | The frequency signal output | | **4** | Vcc | Positive Supply Voltage | --- ### ### Typical Applications Due to its high stability and small footprint, it is commonly found in: * **GPS/GNSS Receivers:** Providing the precise timing required to calculate satellite distances. * **Cellular Base Stations:** Synchronizing data packets across networks. * **Wi-Fi 6 / Bluetooth Modules:** Maintaining frequency accuracy in crowded RF environments. * **IoT Sensors:** Where low power consumption and small size are critical.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a TCXO and a standard Crystal Oscillator (XO)?
    • ⤷ How do I interface a clipped sine wave output with a digital CMOS input?
    • ⤷ Are there direct replacements for the VT7-503C since Vectron was acquired?