Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W0805R-RBPB

  • AI
    ## W0805R-RBPB: Part Analysis The **W0805R-RBPB** is a high-precision, thin-film surface-mount (SMD) resistor manufactured by **TT Electronics / Welwyn**. It is part of their "W" series, which is known for its excellent stability and low noise in sensitive electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Value / Specification | | :--- | :--- | | **Case Size** | 0805 (2.0mm x 1.25mm) | | **Technology** | Thin Film (Tantalum Nitride/Nichrome) | | **Tolerance** | ±0.1% (Ultra-precise) | | **Power Rating** | 0.25 Watts (1/4 W) | | **Temperature Coefficient (TCR)** | ±5 ppm/°C to ±25 ppm/°C (Variations exist) | | **Voltage Rating** | 100V Max | | **Operating Temp Range** | -55°C to +155°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the exact features of the component: * **W**: Refers to the "W" Series (Thin Film). * **0805**: The physical dimensions (0.08 x 0.05 inches). * **R**: Represents the Resistance Range/Designator. * **RB**: Indicates high stability/precision grade. * **PB**: Lead-free termination (RoHS Compliant). --- ### 3. Core Features and Benefits 1. **High Stability**: The thin-film construction provides much lower noise and better long-term stability compared to standard thick-film resistors. 2. **Precision Tolerance**: At 0.1%, this part is ideal for circuits where exact values are critical for performance (e.g., gain settings in op-amps). 3. **Low Thermal Noise**: Essential for high-fidelity audio equipment and sensitive measurement instrumentation. 4. **Durability**: Often utilizes a passivated layer to protect against moisture and environmental contaminants. --- ### 4. Typical Applications * **Medical Instrumentation**: Monitoring equipment where signal accuracy is life-critical. * **Precision Scales**: Load cell amplification circuits. * **Audio Equipment**: High-end DACs (Digital-to-Analog Converters) and pre-amplifiers. * **Aerospace & Defense**: Control systems requiring stable performance across wide temperature fluctuations. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the W0805R-RBPB in your specific application?
    • ⤷ How does a thin-film resistor compare to a thick-film resistor in terms of cost?
    • ⤷ Are there alternative series from TT Electronics for higher power applications?