Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A1CB-R2/N

  • AI
    Based on the part number provided, this component belongs to the **Eaton / Cutler-Hammer** series of high-performance **AC Fans**. Specifically, it is a compact axial fan used primarily for thermal management in industrial electronic enclosures. --- ### 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the **W2AC-A1CB-R2/N**: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 115V AC | | **Frequency** | 50 / 60 Hz | | **Power Consumption** | ~11 Watts | | **Airflow Capacity** | ~24 - 30 CFM (Cubic Feet per Minute) | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Connection Type** | 2-Wire (Leads or Terminals depending on suffix) | | **Housing Material** | Die-cast Aluminum | --- ### 2. Electronic Component Breakdown The internal electronic design of this unit focuses on reliability and consistent airflow: * **Motor Type:** It utilizes a **Shaded Pole Induction Motor**. This is a common AC motor type known for its simplicity, as it does not require a starting capacitor, reducing the number of failure points. * **Protection:** The motor is **Impedance Protected**. This means the electronic windings are designed to withstand the heat generated if the fan blades are physically obstructed (stalled) without catching fire or short-circuiting. * **Insulation Class:** Typically rated as **Class B or F**, allowing the internal wiring to handle temperatures up to 130°C–155°C. --- ### 3. Physical Construction The "R2/N" variant typically refers to specific mounting or airflow directions: 1. **Frame:** 80mm x 80mm x 38mm (Standard compact size). 2. **Impeller:** Reinforced plastic (UL 94V-0 rated for flame retardancy). 3. **Ball Bearings:** Unlike "Sleeve" bearings, the dual ball bearings in this model allow it to be mounted in any orientation (horizontal, vertical, or angled) without degrading the motor's lifespan. --- ### 4. Application Examples This part is commonly found in: * **Server Racks:** Cooling internal power supplies. * **Industrial Control Panels:** Preventing heat buildup in PLCs and VFDs. * **Medical Equipment:** Silent and reliable heat dissipation for sensitive electronics. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between impedance protection and thermal protection in AC fans?
    • ⤷ How does the 'Dual Ball Bearing' system impact the MTBF (Mean Time Between Failures)?
    • ⤷ Are there DC-powered equivalents to the W2AC series for battery-operated systems?