Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A1DA-R/N

  • AI
    The **W2AC-A1DA-R/N** is a specific model of an **Industrial Signal Conditioner** (often referred to as a transducer or signal isolator) manufactured by **Watanabe Electric Industry**. This device is primarily used in factory automation to convert analog signals into standardized DC signals while providing galvanic isolation. --- ### 1. Model Code Breakdown The alphanumeric string defines the specific electronic configuration of the unit: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **W2AC** | **Series Name** | 2-output Slim Type Signal Conditioner | | **A1** | **Input Signal** | DC 4–20 mA | | **D** | **Output 1** | DC 0–10 V | | **A** | **Output 2** | DC 4–20 mA | | **R** | **Power Supply** | 24V DC | | **N** | **Option** | Standard (No special options) | --- ### 2. Key Electronic Components & Functions The internal circuitry of this device consists of several critical stages: #### A. Input Conditioning Circuit * **Precision Resistor:** Converts the 4-20mA current input into a voltage that the internal operational amplifiers can process. * **Surge Protection:** Includes MOVs (Metal Oxide Varistors) or Diodes to protect against industrial electrical noise. #### B. Isolation Barrier (Galvanic Isolation) * **Optocouplers or Transformer Coupling:** This is the "heart" of the device. It electronically separates the input, output, and power supply. * **Function:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. #### C. Signal Conversion & Scaling * **Operational Amplifiers (Op-Amps):** Used for zero and span adjustment. * **Potentiometers:** Small screw-adjustable resistors located on the front panel to fine-tune the minimum (Zero) and maximum (Span) output levels. #### D. Power Supply Section * **DC/DC Converter:** Since the device is powered by 24V DC, an internal converter steps this down and stabilizes it to power the internal logic and isolation stages. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Accuracy** | ±0.1% of Full Scale | | **Response Time** | Approx. 25ms (0 to 90%) | | **Isolation Resistance** | 100MΩ or more (at 500V DC) | | **Dielectric Strength** | 2000V AC for 1 minute (Input/Output/Power) | | **Mounting** | DIN Rail | --- ### 4. Application Example In a typical industrial setup, this part acts as a bridge: 1. **Input:** Receives a 4-20mA signal from a pressure sensor. 2. **Output 1 (0-10V):** Sends data to a local Display Panel. 3. **Output 2 (4-20mA):** Sends the same data to a remote PLC for process control. 4. **Protection:** If a motor fault causes a surge on the sensor line, the W2AC-A1DA-R/N "sacrifices" itself or blocks the surge, preventing the expensive PLC from being destroyed. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the R and M power supply codes for this series?
    • ⤷ How do you calibrate the zero and span settings on this unit?
    • ⤷ What are the wiring pinouts for the W2AC series?