Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A1DA-R/Q

  • AI
    The **W2AC-A1DA-R/Q** is a high-performance, single-axis AC Servo Drive manufactured by **Delta Electronics** as part of their **ASDA-A2** series. These drives are designed for high-speed, high-precision motion control applications. --- ## 1. Technical Specifications Overview The part number breakdown reveals the core electronic capabilities of the unit: | Parameter | Specification | | :--- | :--- | | **Series** | ASDA-A2 | | **Input Phase/Voltage** | 1-Phase or 3-Phase 220VAC | | **Rated Output Power** | 1.0 kW (1000 Watts) | | **Model Type** | Standard (Analog Voltage/Pulse Input) | | **Interface/Protocol** | CANopen, RS-485/232 | | **Encoder Resolution** | 20-bit (1,280,000 pulses/rev) | --- ## 2. Key Electronic Components & Functions ### A. Power Conversion Stage * **Rectifier Section:** Converts the incoming 220V AC into DC voltage. * **IGBT Inverter:** Uses High-Speed Insulated Gate Bipolar Transistors (IGBTs) to switch the DC voltage into a Pulse Width Modulated (PWM) signal to drive the motor. * **Dynamic Braking:** Includes a built-in regenerative resistor to dissipate excess energy generated during motor deceleration. ### B. Control Logic (The "Brain") * **High-Speed DSP:** The drive uses a dedicated Digital Signal Processor to handle complex calculations for position, speed, and torque loops. * **Feedback System:** It processes signals from 20-bit absolute encoders, ensuring extreme precision and smooth low-speed rotation. * **E-Cam Functions:** It features 720 points for Electronic Cam (E-Cam) profiles, allowing for complex synchronized movements without a master controller. ### C. Communication & I/O * **Digital I/O:** Typically includes 8 programmable digital inputs and 5 digital outputs for interfacing with PLCs or sensors. * **Analog Interface:** Receives ±10V signals for speed or torque control. * **Communication Ports:** * **CANopen:** Used for high-speed bus communication. * **RS-485/232:** Used for Modbus communication and PC-based tuning via Delta’s ASDA-Soft software. --- ## 3. Advanced Electronic Features 1. **Vibration Suppression:** The drive contains advanced algorithms to automatically detect and suppress mechanical resonance in the machine structure. 2. **Full-Closed Loop Control:** It supports a second encoder (linear scale) input to compensate for mechanical backlash and thermal expansion, ensuring the final position is accurate. 3. **Capture and Compare:** High-speed hardware position capture (latches) and pulse output (compares) for synchronization with vision systems or high-speed labeling. --- ## 4. Wiring and Connectivity | Connector Type | Purpose | | :--- | :--- | | **L1, L2, L3** | Main Power Input (AC 200V~230V) | | **U, V, W** | Servo Motor Power Output | | **CN1** | I/O Signal Connector (50-pin) | | **CN2** | Motor Encoder Feedback | | **CN3** | Serial Communication (RS-485/232) | | **CN5** | Full-Closed Loop Encoder Port |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this specific Delta part number?
    • ⤷ Can this drive be used with motors from brands other than Delta Electronics?
    • ⤷ What are the specific cooling requirements for a 1.0 kW AC servo drive in a control cabinet?