Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A1DC-R

  • AI
    The **W2AC-A1DC-R** refers to a specific type of **Solid State Relay (SSR)** or interface module, typically used in industrial automation for signal conditioning and switching. Below is a breakdown of the electronic components and technical specifications associated with this part. ### 1. Component Overview This device acts as a bridge between high-voltage AC control circuits and low-voltage DC logic (or vice-versa). It provides **galvanic isolation**, ensuring that electrical noise or surges from the load side do not damage the sensitive controller (PLC/Microcontroller). ### 2. Technical Specifications The part number typically breaks down into the following functional parameters: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 100-240V AC | The "AC" designation indicates the control/trigger voltage. | | **Output Type** | DC (Transistor/FET) | The "DC" designation indicates it switches a DC load. | | **Current Rating** | ~1A to 2A | Typically designed for signal interfacing rather than high-power motors. | | **Mounting** | DIN Rail / Socket | Usually fits into a standard 5-pin or slim-profile relay socket. | | **Response Time** | < 1ms to 20ms | Much faster than mechanical relays due to lack of moving parts. | --- ### 3. Key Internal Electronic Parts The W2AC-A1DC-R is comprised of several critical solid-state stages: #### A. Input Circuitry (AC Side) * **Bridge Rectifier:** Converts the incoming AC control signal into a rough DC signal. * **Current Limiting Resistor:** Prevents the internal LED from burning out due to high voltage. * **Filter Capacitor:** Smooths the rectified AC to prevent "chatter" or flickering at the output. #### B. Isolation Barrier * **Optocoupler (Phototransistor):** This is the heart of the device. It uses an internal LED to transmit a light signal to a light-sensitive transistor. There is **no physical electrical connection** between the input and output, providing up to 4kV of isolation. #### C. Output Circuitry (DC Side) * **Power Transistor/MOSFET:** Acts as the "switch" for the DC load. * **Flyback Diode (Optional/External):** Often required when switching inductive loads (like small solenoids) to prevent back-EMF damage. * **Status LED:** A visible indicator (usually green or red) on the casing to show if the input signal is active. --- ### 4. Application Wiring Example When wiring this component, it is vital to observe polarity on the DC side. ```markdown [AC Source L1] ----> [Input Terminal 1] [AC Source N ] ----> [Input Terminal 2] [DC Power + ] ----> [Load] ----> [Output Terminal 3] [DC Power - ] -----------------> [Output Terminal 4] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the W2AC-A1DC-R?
    • ⤷ Can this model be used to switch inductive loads like motors?
    • ⤷ What are the primary differences between this SSR and a standard mechanical relay?