Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A1DC-R/Q

  • AI
    Based on the technical designation, the **W2AC-A1DC-R/Q** typically refers to a high-performance **Brushless DC (BLDC) Fan** or a **Fan Controller Module**, often associated with industrial cooling solutions (like those from manufacturers like Sanyo Denki or Delta). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 100V - 240V AC (Internal Conversion to DC) | | **Motor Type** | Brushless DC (BLDC) Motor | | **Bearing Type** | Dual Ball Bearing (for long life) | | **Control Signal** | PWM (Pulse Width Modulation) for speed control | | **Safety Features** | Locked rotor protection, Reverse polarity protection | | **Housing Material** | Aluminum Frame / Thermoplastic PBT Impeller | --- ### 2. Key Electronic Components The "W2AC" series usually indicates an **AC-Input / DC-Output** integrated system. This means the device contains an internal power conversion circuit. #### A. Internal Rectification Circuit Since the part accepts AC power but operates a DC motor, it contains: * **Bridge Rectifier:** Converts AC voltage to pulsating DC. * **Smoothing Capacitors:** High-voltage electrolytic capacitors to stabilize the DC bus. * **MOV (Metal Oxide Varistor):** For surge protection against line voltage spikes. #### B. The Motor Driver IC (The "Q" suffix) The "Q" suffix often denotes a specific **Low-Noise** or **Sensorless** drive technology: * **Inverter Bridge:** Uses MOSFETs or IGBTs to switch power to the motor windings. * **Commutation Logic:** Uses Hall Effect sensors (or back-EMF sensing) to determine the rotor position and time the phase switching. #### C. Control & Feedback (The "R" suffix) The "R" usually indicates a **Sensor Output** or **Remote** capability: * **Tachometer (FG) Signal:** A square wave output that tells the host system how fast the fan is spinning. * **Locked Rotor Alarm:** A logic signal that pulls High or Low if the fan stops spinning due to an obstruction. --- ### 3. Connection Pinout (Typical) | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown/Blue** | AC Line / Neutral | Primary power input (100-240VAC) | | **Red** | DC Output (+) | Internal regulated VDC (if external tap exists) | | **Black** | Ground (GND) | Reference ground for control signals | | **Yellow** | FG (Tach) | Frequency Generator output for RPM monitoring | | **White/Blue** | PWM | Control input to adjust speed (0-5V or 0-10V) | --- ### 4. Application Areas * **Server Racks:** High-reliability cooling for data centers. * **Industrial Inverters:** Cooling the power electronics in motor drives. * **Medical Equipment:** Low-noise cooling for sensitive diagnostic machines.
    ✨ Follow-up Questions
    • ⤷ What is the specific airflow (CFM) rating for the W2AC series?
    • ⤷ How do I wire the PWM signal to a microcontroller like an Arduino?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this part?