Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A21A-R/N

  • AI
    The **W2AC-A21A-R/N** belongs to the **W2AC Series** of industrial AC/DC power supplies, commonly associated with embedded computing systems, industrial automation, and networking equipment. Below is a detailed breakdown of its electronic components and specifications. ### 1. Product Overview This part is a high-efficiency AC power supply module designed for reliability in 24/7 operating environments. The suffix "R/N" often denotes specific revisions or regional compliance (RoHS/Non-RoHS or specific voltage ranges). ### 2. Technical Specifications The following table summarizes the primary electrical characteristics of the W2AC-A21A series: | Parameter | Specification | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 100V – 240V AC (Universal Input) | | **Frequency** | 50Hz / 60Hz | | **Output Wattage** | Typically 200W - 250W (Series Dependent) | | **Form Factor** | Internal Open Frame or U-Channel | | **Efficiency** | 80 Plus or Higher (Typically >85%) | --- ### 3. Key Electronic Subsystems The W2AC-A21A-R/N consists of several critical electronic stages: #### A. Input Filtering & Protection * **EMI/RFI Filter:** Includes X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Varistor (MOV):** Protects the downstream components from high-voltage surges. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. #### B. Active Power Factor Correction (PFC) * **PFC Controller IC:** Optimizes the power draw from the grid to ensure a power factor near 0.99. * **Power MOSFETs:** High-speed switches used to boost the voltage to a stable high-voltage DC bus (usually around 380V-400V). #### C. DC-DC Conversion & Regulation * **PWM Controller:** Manages the duty cycle of the switching transistors to maintain a stable output voltage regardless of load changes. * **Isolation Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC output side. * **Schottky Diodes/Synchronous Rectifiers:** Efficiently convert the high-frequency AC from the transformer back into smooth DC. #### D. Monitoring & Safety Features * **OVP (Over Voltage Protection):** Shuts down the unit if output voltage exceeds safe limits. * **OCP (Over Current Protection):** Prevents damage during a short circuit or overload. * **OTP (Over Temperature Protection):** Uses thermistors to monitor heat sinks and trigger a thermal shutdown if cooling fails. --- ### 4. Typical Applications * **Industrial PCs (IPC):** Providing stable power to motherboards and storage. * **Telecommunications:** Powering routers, switches, and edge computing nodes. * **Medical Equipment:** Due to high reliability and low noise profiles.
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage rails (12V
    • ⤷ 5V
    • ⤷ 3.3V) for the W2AC-A21A-R/N?
    • ⤷ Does this power supply follow the ATX or Flex-ATX form factor standard?
    • ⤷ How does the 'R/N' suffix impact the environmental compliance certifications of this part?