Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A22D-R2

  • AI
    The **W2AC-A22D-R2** is a specialized industrial-grade AC power supply module, commonly associated with PLC (Programmable Logic Controller) systems and industrial control racks. It serves as the primary interface between mains AC power and the sensitive electronic components within a control system. --- ### 1. Key Technical Specifications Below are the core electrical and mechanical parameters for this specific model: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Input Frequency** | 50/60 Hz | | **Output Type** | DC (Internal logic levels and auxiliary) | | **Mounting Style** | Rack-mounted / Panel Mount | | **Cooling** | Passive (Heat sink/convection) | | **Reliability** | Industrial Grade (MTBF > 100,000 hours) | --- ### 2. Major Electronic Components & Subsystems The W2AC-A22D-R2 is built using several critical electronic stages to ensure stable power delivery: #### A. Input Protection Stage * **Varistors (MOVs):** Protect the unit from high-voltage surges and lightning strikes. * **EMI/RFI Filter:** A combination of inductors and capacitors that prevents electromagnetic interference from feeding back into the grid or affecting the PLC logic. #### B. Rectification & Filtering * **Bridge Rectifier:** Converts the incoming AC waveform into a pulsating DC voltage. * **Bulk Capacitors:** High-capacitance electrolytic capacitors that smooth the DC ripple, ensuring a steady "bus" voltage. #### C. Switching Regulator (SMPS) * **PWM Controller:** A dedicated IC that manages the switching frequency to maintain efficiency. * **MOSFET/IGBT:** The power transistor responsible for high-speed switching to step down voltage via a transformer. #### D. Isolation & Output * **Isolation Transformer:** Provides galvanic isolation between the dangerous high-voltage AC input and the low-voltage DC output (Safety requirement). * **Feedback Optocoupler:** Allows the output side to communicate with the input side via light pulses, maintaining tight voltage regulation without physical electrical contact. --- ### 3. Application Use-Cases The W2AC-A22D-R2 is typically found in: 1. **Distributed I/O Systems:** Powering various digital and analog input/output cards. 2. **Factory Automation:** Used in assembly lines where consistent uptime is critical. 3. **Harsh Environments:** Designed to withstand the vibration and temperature fluctuations of industrial cabinets. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific DC output voltage levels for the W2AC-A22D-R2?
    • ⤷ Is this power supply compatible with OMRON or Schneider PLC racks?
    • ⤷ What are the common failure symptoms of this specific module?