Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A2DY-R/Q

  • AI
    The **W2AC-A2DY-R/Q** is a high-precision, industrial-grade AC power controller/regulator, typically part of the **Autonics W2 Series**. These devices are designed to manage the amount of power delivered to a load (usually a heater) by controlling the phase angle or zero-cross firing of thyristors. ### 1. Technical Specifications Overview | Feature | Specification Details | | :--- | :--- | | **Product Series** | W2 Series (Digital Power Controller) | | **Control Method** | Phase Control / Cycle Control / Zero-Cross | | **Rated Voltage** | 100 - 240VAC (Single Phase) | | **Rated Current** | Typically 20A to 70A (Depending on exact frame size) | | **Input Signal** | 4-20mA, 1-5VDC, External VR, or Dry Contact | | **Communication** | RS485 (Modbus RTU) support | | **Protection** | Overcurrent, Overheating, Fuse Breakage, Heater Disconnection | --- ### 2. Breakdown of the Model Suffixes The alphanumeric code provides specific details about the electronic capabilities of the unit: * **W2AC:** Indicates the series name for Autonics Digital Single-Phase Power Controllers. * **A2DY:** * **A:** Basic model type. * **2:** Voltage range (200VAC class). * **D:** Digital control/display functionality. * **Y:** Output characteristics (Standard resistive load control). * **R/Q:** * **R:** Feedback control options (Voltage, Current, or Power feedback). * **Q:** High-speed fuse integration or specific communication protocols. --- ### 3. Key Electronic Components & Functions #### A. Microprocessor Control Unlike simple analog SCRs, this unit uses an integrated CPU to monitor the incoming waveform and calculate the exact firing point. This allows for linear output regardless of fluctuations in the input power supply. #### B. Thyristor (SCR) Bridge The core power component is a back-to-back Thyristor module. It handles the high current switching. The "A2DY" variant is optimized for low electromagnetic interference (EMI) when used in Zero-Cross mode. #### C. Feedback Circuitry The "R" designation often implies the inclusion of internal current transformers (CT). This allows the electronics to: 1. Perform **Constant Current** control. 2. Perform **Constant Power** control. 3. Detect if a heating element has partially failed (Heater Break Alarm). #### D. RS485 Communication Port Uses the Modbus RTU protocol, allowing the unit to be integrated into a PLC or SCADA system for remote monitoring of voltage, current, and temperature. --- ### 4. Wiring Diagram (Conceptual) ```mermaid graph LR A[AC Main Power] --> B[W2AC Controller] B --> C[Heating Element] D[PLC/Temperature Controller] -- 4-20mA --> B E[RS485/Modbus] -- Data --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Phase Control and Zero-Cross control in this model?
    • ⤷ How do I wire a 4-20mA signal to the W2AC input terminals?
    • ⤷ What are the common error codes displayed on the digital panel for heater breakage?