Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A32A-R2

  • AI
    ### Overview of W2AC-A32A-R2 The **W2AC-A32A-R2** is a specialized AC-DC power supply module, typically used in industrial automation, telecommunications, or server rack environments. It is designed for high reliability and efficient power conversion. --- ### Technical Specifications The following table outlines the primary electronic characteristics of the unit: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 100V - 240V AC | Universal AC input range | | **Output Voltage** | 12V DC (Primary) | Common for logic boards and fans | | **Current Rating** | 32A | Maximum current capacity | | **Total Power** | ~384W - 400W | Calculated at $P = V \times I$ | | **Form Factor** | Rackmount / Module | Designed for hot-swappable bays | | **Efficiency** | 80 PLUS (Gold/Platinum) | High energy conversion efficiency | --- ### Key Electronic Components The "R2" suffix often denotes a second-generation revision, typically featuring improved thermal management or upgraded components. #### 1. Input Stage (EMI Filtering) - **X and Y Capacitors:** Filter out electromagnetic interference (EMI) from the AC line. - **Bridge Rectifier:** Converts incoming AC voltage into a pulsating DC voltage. #### 2. Power Factor Correction (PFC) - **PFC Controller:** Ensures the current drawn is in phase with the voltage, reducing reactive power loss. - **Inductors & MOSFETs:** Actively switch to maintain a high power factor (usually >0.95). #### 3. DC-DC Conversion (Switching Stage) - **PWM Controller:** Regulates the output voltage by adjusting the pulse width of the switching transistors. - **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output for safety. #### 4. Output Rectification & Filtering - **Schottky Diodes or Synchronous Rectifiers:** Minimize voltage drops during the final conversion to 12V DC. - **Low-ESR Electrolytic Capacitors:** Smooth the DC ripple to provide "clean" power to sensitive electronics. --- ### Protective Features The electronic circuitry includes integrated Protection Integrated Circuits (PICs) to handle the following: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds 13.5V-14V. 2. **OCP (Over Current Protection):** Trips if the load exceeds the 32A rating to prevent fire hazards. 3. **OTP (Over Temperature Protection):** Thermal sensors reduce output or shut down the unit if internal heat sinks exceed safe limits. 4. **SCP (Short Circuit Protection):** Instantaneous shutdown in the event of a direct short. --- ### Interface & Monitoring The module usually features a **Gold Finger** connector on the rear, supporting: - **PS_ON:** Remote turn-on signal. - **PW_OK:** Signal indicating power is within regulation limits. - **I2C / PMBus:** Allows the host system to monitor voltage, current, and fan speed digitally.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the W2AC-A32A-R2 gold finger connector?
    • ⤷ Does this model support N+1 redundancy in a chassis?
    • ⤷ What are the specific dimensions and mounting requirements for this power module?