Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A32Y-R2/N

  • AI
    The **W2AC-A32Y-R2/N** is a specialized industrial power component, typically classified as an **AC Solid State Relay (SSR)** or a **Contactless Relay Module**. These devices are designed to switch AC loads using electronic semiconductors rather than mechanical contacts, offering high-speed switching and extreme durability. --- ### 1. Technical Specifications Overview Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification | | :--- | :--- | | **Control Voltage (Input)** | 4 - 32V DC (Typical for "A32" series) | | **Rated Load Voltage** | 24 - 440V AC | | **Rated Load Current** | 2A to 5A (depending on ambient temperature) | | **Switching Type** | Zero-cross switching (reduces EMI) | | **Isolation** | Photocoupler / Opto-isolation | | **Output Type** | Triac or Thyristor | --- ### 2. Key Electronic Components The internal architecture of the W2AC-A32Y-R2/N consists of three primary stages: #### A. Input Circuit (Control Side) * **LED Indicator:** Usually integrated to show the status of the control signal. * **Current Limiter:** Internal resistors that allow the device to accept a wide range of DC voltages (4-32V) without burning out the internal optocoupler. #### B. Isolation Layer * **Optocoupler:** This provides electrical isolation between the low-voltage control circuit and the high-voltage AC load. It prevents electrical noise or surges from the load side from damaging the PLC or controller. #### C. Output Circuit (Load Side) * **Zero-Cross Circuit:** A logic gate that ensures the relay only turns "ON" when the AC sine wave passes through zero volts. This minimizes "inrush current" and electromagnetic interference (EMI). * **Power Triac/Thyristor:** The physical semiconductor that handles the AC current. Since there are no moving parts, there is no "arcing" or contact wear. * **RC Snubber:** An internal Resistor-Capacitor network that protects the semiconductor from high voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. --- ### 3. Connection Pinout Logic While specific to the mounting style (usually PCB or DIN rail), the logic remains consistent: 1. **Input (+/-):** Connected to the digital output of a PLC, Arduino, or sensor. 2. **Output (L1/T1):** Connected in series with the AC power source and the load (e.g., a heater or motor). --- ### 4. Advantages over Mechanical Relays * **Longevity:** No mechanical wear; theoretically infinite switching cycles. * **Speed:** Switching times are measured in milliseconds (ms). * **Silent Operation:** No "click" sound during operation, ideal for medical or office environments. * **Vibration Resistance:** Solid-state construction is immune to physical shocks that would cause mechanical relays to trip.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current this SSR can handle?
    • ⤷ How does zero-cross switching differ from random-on switching in this model?
    • ⤷ What are the heat dissipation requirements for the W2AC-A32Y-R2/N?