Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A33A-R2

  • AI
    The **W2AC-A33A-R2** is a specific model identifier typically associated with **Delta Electronics** or specialized industrial power components, often used in networking equipment, servers, or high-end industrial systems. Below is a breakdown of the electronic characteristics and technical specifications of this component. --- ### 1. General Specifications The W2AC-A33A-R2 is primarily categorized as an **AC-DC Power Module/Power Supply Unit (PSU)**. These units are designed for high efficiency and reliability in mission-critical environments. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Output Type** | Single or Multi-rail DC | | **Efficiency Rating** | Typically 80 Plus Gold or Platinum level | | **Cooling** | Integrated Fan (Internal) | | **Form Factor** | Slim / Rack-mount compliant | --- ### 2. Key Electronic Components This unit consists of several internal subsystems that manage electricity from the wall outlet to the sensitive electronics of the host device: * **EMI Filter Stage:** Includes capacitors and inductors to prevent electromagnetic interference from leaking back into the power grid and to protect the internal circuitry from external spikes. * **Bridge Rectifier:** Converts the incoming AC (Alternating Current) into unregulated DC (Direct Current). * **PFC (Power Factor Correction) Circuit:** Usually an active PFC using high-speed MOSFETs to ensure the current is in phase with the voltage, maximizing power efficiency. * **Transformer & Switching Stage:** Utilizes high-frequency switching to step down the voltage. This is where the core "transformation" happens at high speeds (kHz to MHz). * **Output Rectification & Filtering:** Uses Schottky diodes or synchronous rectification (MOSFETs) and low-ESR capacitors to provide a smooth, ripple-free DC output. --- ### 3. Protection & Management Features The "R2" suffix often denotes a revision or specific firmware profile that includes advanced protection logic: * **OVP (Over Voltage Protection):** Shuts down the unit if the output voltage exceeds safe thresholds. * **OCP (Over Current Protection):** Prevents damage if the connected device draws more current than the PSU can provide. * **OTP (Over Temperature Protection):** Thermal sensors monitor the heat sinks and shut down the unit if cooling fails. * **PMBus/I2C Communication:** Many units in this series feature a digital interface for real-time monitoring of power consumption, fan speed, and temperature. --- ### 4. Technical Summary Table | Component Part | Role | | :--- | :--- | | **Input Connector** | Standard C14 or specialized industrial plug | | **Capacitors** | High-temp electrolytic (Input) and Solid Polymer (Output) | | **MOSFETs** | Gallium Nitride (GaN) or Silicon-based high-speed switches | | **Control IC** | PWM Controller for stabilizing output under varying loads |
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the W2AC-A33A-R2?
    • ⤷ Is this power supply hot-swappable for server applications?
    • ⤷ Does the R2 revision differ in pinout compared to the original version?