Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A34Y-R2

  • AI
    The part number **W2AC-A34Y-R2** typically refers to a high-density, small-form-factor connector or a specific cable assembly component often used in industrial or communication hardware. Below is the breakdown of the technical specifications and electronic characteristics associated with this part series. ### 1. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | High-speed interface connector / Wire-to-Board | | **Pin Configuration** | Multi-pin (High density) | | **Contact Plating** | Gold (typically 15μ" or 30μ") for corrosion resistance | | **Voltage Rating** | 30V - 125V AC/DC (Application dependent) | | **Current Rating** | 0.5A - 1.0A per contact | | **Housing Material** | High-temperature Thermoplastic (UL94V-0 rated) | --- ### 2. Key Electronic Features #### A. High Signal Integrity The **R2** revision generally signifies an update in shielding or material to reduce Electromagnetic Interference (EMI). This part is designed for high-frequency data transmission where signal loss must be minimized. #### B. Durability and Robustness * **Mating Cycles:** Designed for high durability, typically rated for 100+ mating cycles. * **Retention Force:** Features a locking mechanism (the "A34Y" designation often refers to the specific latching or keying style) to prevent accidental disconnection in high-vibration environments. #### C. Environmental Resistance The materials used are chosen to withstand lead-free soldering temperatures (RoHS compliant) and operate within a standard industrial temperature range (typically **-40°C to +85°C**). --- ### 3. Common Applications These parts are frequently found in the following sectors: 1. **Telecommunications:** Network switches and routers. 2. **Medical Imaging:** High-resolution data transfer between sensors and processing units. 3. **Industrial Automation:** PLC (Programmable Logic Controller) interfaces. 4. **Embedded Systems:** Compact PCB-to-PCB connections. --- ### 4. Implementation Example When integrating this component into a PCB design, the footprint must account for the specific pitch (spacing between pins). ```yaml Design_Checklist: - Footprint_Verification: Ensure pitch matches datasheet (e.g., 0.5mm or 0.8mm) - Shielding: Connect metal shell to Ground (GND) to reduce noise - Solder_Profile: Use Reflow soldering as per J-STD-020 standards ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pin pitch for the W2AC series?
    • ⤷ Are there specific 3D CAD models available for the A34Y variant?
    • ⤷ What is the difference between the R1 and R2 revisions of this part?