Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A3AB-R2

  • AI
    The **W2AC-A3AB-R2** is a specific part number belonging to the **SMC W2 series** of high-speed, compact solenoid valves. These are typically used in pneumatic control systems requiring high-frequency operation and rapid response times. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic and physical characteristics: | Feature | Specification | Description | |:---|:---|:---| | **Series** | W2 | High-speed 3-port solenoid valve | | **Coil Voltage** | 24V DC | Standard industrial control voltage | | **Power Consumption** | ~0.35W to 0.5W | Low power consumption for energy efficiency | | **Response Time** | 2ms or less | Extremely fast actuation for precision timing | | **Connection Type** | Plug-in / Lead wire | Varies by sub-suffix, usually R2 indicates a specific lead wire length/type | | **Max Frequency** | Up to 100Hz | Suitable for high-speed sorting or dispensing | --- ## 2. Key Electronic Components The internal electronics of the W2AC-A3AB-R2 are designed for durability and speed: ### Solenoid Coil * **Encapsulation:** The coil is molded in a thermosetting resin to protect against moisture and vibration. * **Inrush Current Control:** High-speed valves often utilize a power-saving circuit that provides a high initial current to move the armature and then drops to a lower "holding" current to prevent overheating. ### Surge Suppression * **Protection:** Includes a built-in surge voltage suppressor (usually a diode or MOV). * **Function:** This prevents the Back-EMF (electromotive force) from damaging sensitive PLC (Programmable Logic Controller) outputs when the valve is de-energized. ### Wiring Configuration * **Polarity:** Standard DC units are typically non-polar, but if equipped with an LED indicator, the polarity must be observed (Positive to Red/Brown, Negative to Black/Blue). --- ## 3. Maintenance and Safety When integrating this component into an electronic circuit, consider the following: 1. **Switching Frequency:** Ensure your control transistor (NPN/PNP) or SSR (Solid State Relay) can handle the rapid switching frequency without overheating. 2. **Voltage Fluctuations:** Ensure the 24V supply stays within ±10% to avoid coil burnout or failure to actuate. 3. **Environment:** The electronic housing is rated for specific IP (Ingress Protection) levels; avoid exposure to corrosive gases or excessive oil mist unless shielded.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the W2AC-A3AB-R2 connector?
    • ⤷ How does the response time of this valve compare to the VQ series?
    • ⤷ What is the recommended maximum duty cycle for this solenoid?