Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A3AD-R/Q

  • AI
    The **W2AC-A3AD-R/Q** is a high-performance **AC-input power supply module**, typically associated with industrial automation systems, server racks, or networking hardware (often found in products by vendors like Juniper or specialized industrial PC manufacturers). --- ### ## Technical Specifications Overview This component is designed to convert high-voltage AC power into stable DC rails required for electronic circuit operation. | Feature | Specification Details | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Voltage Range** | 100V - 240V AC (Universal Input) | | **Frequency** | 50/60 Hz | | **Cooling** | Integrated Fan (Airflow usually Front-to-Back) | | **Hot-Swappable** | Yes (Redundant configuration supported) | | **Form Factor** | Rack-mountable / Modular Plug-in | --- ### ## Key Electronic Sub-systems The internal architecture of the W2AC-A3AD-R/Q consists of several critical electronic stages: 1. **EMI/RFI Filter Stage**: * Contains X and Y capacitors and common-mode chokes. * **Function**: Prevents electromagnetic interference from entering the power grid and protects the internal electronics from line noise. 2. **Active Power Factor Correction (PFC)**: * Uses high-speed MOSFETs and a boost controller. * **Function**: Ensures the current waveform follows the voltage waveform, increasing efficiency and meeting regulatory standards (like EN61000-3-2). 3. **DC-to-DC Converter (Switching Stage)**: * Utilizes a high-frequency transformer to step down the voltage. * **Topology**: Usually a Half-Bridge or Full-Bridge resonant converter for high efficiency. 4. **Monitoring & Control Logic (The "Q" suffix)**: * Contains an I2C or PMBus interface. * **Function**: Allows the host system to monitor real-time statistics such as temperature, output current, and fan health. --- ### ## Safety and Protection Features The unit is equipped with integrated protection circuits to prevent damage to the connected hardware: * **OVP (Over Voltage Protection)**: Shuts down if the output exceeds a safe threshold. * **OCP (Over Current Protection)**: Limits current to prevent overheating of traces. * **OTP (Over Temperature Protection)**: Sensors monitor heat sinks and throttle or shut down if airflow is blocked. * **Short Circuit Protection**: Instantaneous cutoff in the event of a direct short. --- ### ## Pinout and Interface The rear connector is typically a "Gold Finger" or high-density blade connector that carries: * **Main DC Power**: (e.g., +12V or +48V). * **Standby Voltage**: (e.g., +5Vsb or +12Vsb) to keep management controllers active even when the main power is off. * **Signal Pins**: PS_ON (Power supply on), PS_Kill (Emergency stop), and I2C Data/Clock lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for this specific power supply model?
    • ⤷ How do I interpret the 'R/Q' suffix in terms of revision or firmware?
    • ⤷ Is this power supply compatible with common ATX motherboards or only proprietary backplanes?